Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP02GJ-RHLA3 Datasheet(PDF) 103 Page - Integrated Silicon Solution, Inc

Part # IS25LP02GJ-RHLA3
Description  SERIAL FLASH MEMORY 166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP02GJ-RHLA3 Datasheet(HTML) 103 Page - Integrated Silicon Solution, Inc

Back Button IS25LP02GJ-RHLA3 Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 107Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 182 page
background image
IS25LP02GJ
IS25WP02GJ
Integrated Silicon Solution, Inc.- www.issi.com
103
Rev.A
10/02/2025
Operation
Suspended
Instruction Allowed
Name
Hex Code
Operation
Program or Erase
PERRSM
7Ah/30h
Program/Erase Resume
Program or Erase
SRRV
C0/63h
Set Read Register (Volatile)
Program or Erase
SERRV
83h
Set Extended Read Register (Volatile)
Program or Erase
WRBRV
17h/C5
Write Bank Address Register (Volatile)
Program or Erase
EN4B
B7h
Enter 4-byte Address Mode
Program or Erase
EX4B
29h
Exit 4-byte Address Mode
Program or Erase
RDPPB
FCh
Read PPB
Program or Erase
4RDPPB
F2h
4-byte Address Read PPB
Program or Erase
RDDYB
FAh
Read DYB
Program or Erase
4RDDYB
E0h
4-byte Address Read DYB
Program or Erase
RDPWD
E7h
Read Password
Program or Erase
RDPLB
A7h
Read PPB Lock Bit
Program or Erase
RDASP
2Bh
Read ASP
Program or Erase
RDDLP
41h
Read Data Learning Pattern
Program or Erase
WRVDLR
4Ah
Write Volatile DLP Register
Program or Erase
PERSUS
75h/B0h
Program/Erase Suspend
Program or Erase
SFRZ
91h
Set FREEZE bit
Program or Erase
WRPLB
A6h
Write PPB Lock Bit
Program or Erase
IRRD
68h
Read Information Row
Program or Erase
DP
B9h
Enter Deep Power Down
Program or Erase
RDPD
AFh
Release from Deep Power Down
Program or Erase
QPIEN
35h
Enter QPI Mode
Program or Erase
QPIDI
F5h
Exit QPI Mode
Program or Erase
RSTEN
66h
Software Reset Enable
Program or Erase
RST
99h
Software Reset
Program or Erase
WRDYB
FBh
Write DYB
Program or Erase
4WRDYB
E0h
4-byte Address Write DYB
Erase
PP
02h
Serial Input Page Program
Erase
4PP
12h
4-byte Address Serial Input Page Program
Erase
PPQ
32h
Quad Input Page Program
Erase
4PPQ
34h
4-byte Address Quad Input Page Program
Erase
PPQIO
38h
Quad IO Page Program
Erase
4PPQIO
3Eh
4-byte Address Quad IO Page Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com