Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP02GJ-RHLA3 Datasheet(PDF) 106 Page - Integrated Silicon Solution, Inc

Part # IS25LP02GJ-RHLA3
Description  SERIAL FLASH MEMORY 166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP02GJ-RHLA3 Datasheet(HTML) 106 Page - Integrated Silicon Solution, Inc

Back Button IS25LP02GJ-RHLA3 Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 105Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 106Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 107Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 108Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 109Page - Integrated Silicon Solution, Inc IS25LP02GJ-RHLA3 Datasheet HTML 110Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 182 page
background image
IS25LP02GJ
IS25WP02GJ
Integrated Silicon Solution, Inc.- www.issi.com
106
Rev.A
10/02/2025
8.27 SET READ REGISTER OPERATION (SRRNV: 65h, SRRV: C0h/63h)
Set Read Register Bits
This device supports configurable burst length and dummy cycles in both SPI and QPI mode by setting three bits
(P2, P1, P0) and four bits (P6, P5, P4, P3) within the Read Register, respectively. To set those bits the SRRNV
and SRRV operation instruction are used. Details regarding burst length and dummy cycles can be found in Table
6.9, Table 6.10, and Table 6.11. HOLD#/RESET# function selection (P7) bit in the Read Register can be set with
the SRRNV and SRRV operation as well, in order to select HOLD#/RESET# pin as RESET# or HOLD#.
For the device with dedicated RESET# pin (or ball), RESET# pin (or ball) will be a separate pin (or ball) and it is
independent of the P7 bit setting in Read Register.
SRRNV is used to set the non-volatile Read Register, while SRRV is used to set the volatile Read Register.
To write non-volatile Read Register bits, a standard Write Enable (06h) instruction must previously have been
executed for the device to accept SRRNV (65h) instruction (Status Register bit WEL must equal “1”).
To write volatile Read Register bits (SRRV), 63h or C0h command can be used.
When using 63h instruction, a standard Write Enable (06h) instruction must previously have been executed for the
device to accept SRRV (63h) instruction (Status Register bit WEL must equal “1”).
But C0h instruction does not require a standard Write Enable (06h) operation. (Status Register bit WEL remains
“0”).
Note: When SRRNV is executed, the volatile Read Register is set as well as the non-volatile Read Register.
Figure 8.60 Set Read Register Sequence In SPI Mode
Instruction = 65h or C0h/63h
CE #
SCK
SI
SO
Data In
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
7
3
2
1
0
6
5
4
High Impedence
Figure 8.61 Set Read Register Sequence In QPI Mode
65h or
C0h/63h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com