Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP02GJ-RHLA3 Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS25WP02GJ-RHLA3
Description  SERIAL FLASH MEMORY 166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP02GJ-RHLA3 Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS25WP02GJ-RHLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 182 page
background image
IS25LP02GJ
IS25WP02GJ
Integrated Silicon Solution, Inc.- www.issi.com
13
Rev.A
10/02/2025
5. SYSTEM CONFIGURATION
The memory array is divided into uniform 4 Kbyte sectors or uniform 32/64 Kbyte blocks (a block consists of
eight/sixteen adjacent sectors respectively).
Also optional uniform 32/256 Kbyte blocks are available with 512B page size. See ordering table for more detail
information.
Table 5.1 illustrates the memory map of the device. The Status Register controls how the memory is protected.
5.1 BLOCK/SECTOR ADDRESSES
Table 5.1 Block/Sector Addresses (Block Size = 32KB/64KB/256KB)
Memory
Density
Block No
(256KB)(1)
Block No.
(64KB)
Block No.
(32KB)
Sector No.
Sector
Size
(Kbyte)
Address Range
2Gb
Block 0
Block 0
Block 0
Sector 0
4
0000 0000h – 0000 0FFFh
:
:
:
Block 1
:
:
:
Sector 15
4
0000 F000h – 0000 FFFFh
Block 1
Block 2
Sector 16
4
0001 0000h – 0001 0FFFh
:
:
:
Block 3
:
:
:
Sector 31
4
0001 F000h – 0001 FFFFh
Block 2
Block 4
Sector 32
4
0002 0000h – 0002 0FFFh
:
:
:
Block 5
:
:
:
Sector 47
4
0002 F000h – 0002 FFFFh
Block 3
Block 6
Sector 48
0003 0000h – 0003 0FFFh
:
:
Block 7
:
:
Sector 63
0003 F000h – 0003 FFFFh
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
Block
1023
Block 4092
Block 8184
Sector 65472
4
0FFC 0000h – 0FFC 0FFFh
:
:
:
Block 8185
:
:
:
Sector 65487
4
0FFC F000h – 0FFC FFFFh
:
:
:
:
:
:
:
:
:
:
Block 4095
Block 8190
Sector 65520
4
0FFF 0000h – 0FFF 0FFFh
:
:
:
Block 8191
:
:
:
Sector 65535
4
0FFF F000h – 0FFF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com