Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP02GJ-RHLA3 Datasheet(PDF) 171 Page - Integrated Silicon Solution, Inc

Part # IS25WP02GJ-RHLA3
Description  SERIAL FLASH MEMORY 166MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP02GJ-RHLA3 Datasheet(HTML) 171 Page - Integrated Silicon Solution, Inc

Back Button IS25WP02GJ-RHLA3 Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 168Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 169Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 170Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 171Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 173Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25WP02GJ-RHLA3 Datasheet HTML 175Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 182 page
background image
IS25LP02GJ
IS25WP02GJ
Integrated Silicon Solution, Inc.- www.issi.com
171
Rev.A
10/02/2025
9.3 DC CHARACTERISTICS
(Under operating range)
Symbol
Parameter
Condition
Min
Typ(2)
Max
Units
ICC1
VCC Active Read current(3)
NORD at 80MHz
26
32
mA
FRD Single at 166MHz
32
38
FRD Dual at 166MHz
38
45
FRD Quad at 166MHz
48
58
FRD Single at 133MHz
29
35
FRD Dual at 133MHz
32
42
FRD Quad at 133MHz
42
51
FRD Quad at 83MHz
32
42
FRD Quad at 104MHz
38
45
FRD Single DTR at 104MHz
29
38
FRD Dual DTR at 104MHz
32
45
FRD Quad DTR at 104MHz
42
51
ICC2
VCC Program Current
CE# = VCC
50
56
mA
ICC3
VCC WRSR Current
CE# = VCC
120
144
ICC4
VCC Erase Current
(SER/4SER/BER32/4BER32/
BER64/4BER64)
CE# = VCC
50
56
ICC5
VCC Erase Current (CE)
CE# = VCC
120
144
ISB1
VCC Standby
Current CMOS
IS25LP
CE# = VCC,
VIN = GND or VCC (4)
85°C
120
60 (6)
µA
105°C
90(6)
125°C
140
IS25WP
85°C
24
60 (6)
105°C
90(6)
125°C
140
ISB2
Deep power down
current
IS25LP
CE# = VCC,
VIN = GND or VCC (4)
85°C
40
80 (6)
µA
105°C
120(6)
125°C
200
IS25WP
85°C
4
80 (6)
105°C
120(6)
125°C
200
ILI
Input Leakage Current
VIN = 0V to VCC
±1(5)
µA
ILO
Output Leakage Current
VIN = 0V to VCC
±1(5)
µA
VIL(1)
Input Low Voltage
-0.5
0.3VCC
V
VIH(1)
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com