Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6374FP
Description  INDUSTRIAL QUAD LINE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374FP Datasheet(HTML) 1 Page - STMicroelectronics

  L6374FP Datasheet HTML 1Page - STMicroelectronics L6374FP Datasheet HTML 2Page - STMicroelectronics L6374FP Datasheet HTML 3Page - STMicroelectronics L6374FP Datasheet HTML 4Page - STMicroelectronics L6374FP Datasheet HTML 5Page - STMicroelectronics L6374FP Datasheet HTML 6Page - STMicroelectronics L6374FP Datasheet HTML 7Page - STMicroelectronics L6374FP Datasheet HTML 8Page - STMicroelectronics L6374FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L6374
INDUSTRIAL QUAD LINE DRIVER
ADVANCE DATA
FOUR INDEPENDENT LINE DRIVERS WITH
100 mA UP TO 35V OUTPUTS
INPUT SIGNALS BETWEEN -7V AND +35V,
WITH PRESETTABLE THRESHOLD
PUSH-PULL OUTPUTS WITH THREE STATE
CONTROL AND TRUE ZERO CURRENT BE-
TWEEN VS AND GROUND
CURRENT LIMITING ON EACH OUTPUT EF-
FECTIVE IN THE FULL ”GROUND TO VS
OUTPUT VOLTAGE RANGE
OUTPUT VOLTAGE CLAMP TO VS AND TO
GROUND
OVERTEMPERATURE
AND
UNDERVOL-
TAGE PROTECTIONS
DIAGNOSTIC FOR OVERTEMPERATURE,
UNDERVOLTAGE AND OVERCURRENT
PRESETTABLE
DELAY
FOR
OVERCUR-
RENT DIAGNOSTIC
HIGH SPEED OPERATION: UP TO 300kHz
WITH 35V SWING
DESCRIPTION
The L6374 is especially designed to be used as a
line driver in industrial control systems based on
the 24V signal levels (IEC1131, 24VDC).
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
December 1994
BLOCK DIAGRAM
ORDERING NUMBER: L6374DP (POWERDIP 16+2+2)
L6374FP (SO 16+2+2)
POWERDIP 16+2+2
SO 16+2+2
1/13


Similar Part No. - L6374FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6374FP STMICROELECTRONICS-L6374FP Datasheet
262Kb / 19P
Industrial quad line driver
03-Mar-2008
L6374FP013TR STMICROELECTRONICS-L6374FP013TR Datasheet
262Kb / 19P
Industrial quad line driver
03-Mar-2008
L6374FPT STMICROELECTRONICS-L6374FPT Datasheet
262Kb / 19P
Industrial quad line driver
03-Mar-2008
More results

Similar Description - L6374FP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
Quad Line Driver
DS14C88 NSC-DS14C88 Datasheet
87Kb / 6P
QUAD CMOS Line Driver
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
RS232C QUAD LINE DRIVER
Aug-2003
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
QUAD DIFFERENTIAL LINE DRIVER
Nov-1995
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
Quad LVDS Line Driver
Rev 0; 4/01
logo
National Semiconductor ...
DS14C88T NSC-DS14C88T Datasheet
143Kb / 6P
QUAD CMOS Line Driver
logo
STMicroelectronics
L6374 STMICROELECTRONICS-L6374_08 Datasheet
262Kb / 19P
Industrial quad line driver
03-Mar-2008
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
Quad Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com