Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV6224/12 Datasheet(PDF) 2 Page - ebm-papst

Part # DV6224/12
Description  DC diagonal compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

DV6224/12 Datasheet(HTML) 2 Page - ebm-papst

  DV6224/12 Datasheet HTML 1Page - ebm-papst DV6224/12 Datasheet HTML 2Page - ebm-papst DV6224/12 Datasheet HTML 3Page - ebm-papst DV6224/12 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC diagonal compact fan
sickled blades (S series)
DV 6224
Technical features
Mass
0.820 kg
Dimensions
172 Ø x 51 mm
Material of impeller
Fiberglass-reinforced PA plastic
Housing material
Aluminum. Housing with grounding lug for screw M4 x 8 (TORX).
Direction of air flow
Air exhaust over bars
Direction of rotation
Left, looking at rotor
Bearing
Ball bearings
Lifetime L10 at 40 °C
90000 h
Lifetime L10 at maximum
temperature
40000 h
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Motor protection
Protected against reverse polarity and locking.
Locked-rotor protection
Electronic blocking protection, with electronic motor current limit in the startup phase
and when the rotor is blocked.
Approval
VDE, CSA, UL, CE
Option
Speed signal, alarm signal
Web data sheet · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com