Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC030 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC030_06 Datasheet HTML 10Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 11Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 12Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 13Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 14Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 15Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 16Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 17Page - National Semiconductor (TI) CLC030_06 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Device Operation (Continued)
logic-0. The TPG or BIST is halted by resetting TPG Enable.
The serial output data is present at the SDO outputs during
TPG or BIST operation.
Caution ! When attempting to use the TPG or BIST imme-
diately after applying power or resetting the device, the TPG
defaults to the 270Mbps SD rate and expects a V
CLK clock
frequency of 27MHz as input. This is because the code for
the test pattern in the TEST 0 register is set to 00h (525 line,
30 frame, 27MHz, NTSC 4x3 reference black). Attempting to
apply a V
CLK frequency higher than the device expects,
according to the setting in the TEST 0 register, may result in
the PLL locking up while attempting to slew to its maximum
possible frequency. This situation is not recoverable by the
use of the device RESET input. To recover from this condi-
tion, power must be removed and re-applied to the device.
Proper conditioning of the V
CLK input, which does not have
an internal pull down device, is mandatory to prevent admis-
sion of noise or unwanted signals at any time, especially
during power-up or reset sequences. It is strongly recom-
mended that V
CLK not be applied until device initialization
and configuration is completed.
Example: Enable the TPG Mode to use the NTSC 270Mbps
color bars as the BIST and TPG pattern. Enable TPG opera-
tion using the I/O port.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Dh to AD[9:0] as the TEST 0 register ad-
dress.
4.
Toggle ACLK.
5.
Present 303h to AD[9:0] as the register data (525 line,
30 frame, 27MHz, NTSC 4x3, color bars (SMPTE
125M)).
6.
Toggle ACLK.
7.
Set TPG ENABLE (I/O Port, bit 7) to a logic-high.
8.
Toggle ACLK.
9.
The PASS/FAIL indicator (I/O Port, bit 6) is monitored
for the result of the test. Alternatively, the TEST 0 regis-
ter may be read. Bit 7 is the Pass/Fail indicator bit.
CONFIGURATION AND CONTROL REGISTERS
The configuration and control registers store data which
configures the operational modes of the CLC030 or which
result from its operation. Many of these registers can be
mapped to the multi-function I/O bus to make them available
as external I/O functions. These functions and initial values
are summarized in Table 1 and detailed in Table 2. The
power-on default condition for the multi-function I/O port is
indicated in Table 1 and detailed in Table 6.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com