Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848H Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848H
Description  DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848H Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83848H Datasheet HTML 9Page - National Semiconductor (TI) DP83848H Datasheet HTML 10Page - National Semiconductor (TI) DP83848H Datasheet HTML 11Page - National Semiconductor (TI) DP83848H Datasheet HTML 12Page - National Semiconductor (TI) DP83848H Datasheet HTML 13Page - National Semiconductor (TI) DP83848H Datasheet HTML 14Page - National Semiconductor (TI) DP83848H Datasheet HTML 15Page - National Semiconductor (TI) DP83848H Datasheet HTML 16Page - National Semiconductor (TI) DP83848H Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
13
www.national.com
1.7 10 Mb/s and 100 Mb/s PMD Interface
1.8 Special Connections
1.9 Power Supply Pins
Signal Name
Type
Pin #
Description
TD-, TD+
I/O
14, 15
Differential common driver transmit output (PMD Output Pair).
These differential outputs are automatically configured to either
10BASE-T or 100BASE-TX signaling.
In Auto-MDIX mode of operation, this pair can be used as the Re-
ceive Input pair.
These pins require 3.3V bias for operation.
RD-, RD+
I/O
11, 12
Differential receive input (PMD Input Pair). These differential in-
puts are automatically configured to accept either 100BASE-TX
or 10BASE-T signaling.
In Auto-MDIX mode of operation, this pair can be used as the
Transmit Output pair.
These pins require 3.3V bias for operation.
Signal Name
Type
Pin #
Description
RBIAS
I
20
Bias Resistor Connection. A 4.87 k
Ω 1% resistor should be con-
nected from RBIAS to GND.
PFBOUT
O
19
Power Feedback Output. Parallel caps, 10
µ F (Tantalum pre-
ferred) and 0.1
µF, should be placed close to the PFBOUT. Con-
nect this pin to PFBIN1 (pin 16) and PFBIN2 (pin 30). See
Section 5.4 for proper placement pin.
PFBIN1
PFBIN2
I16
30
Power Feedback Input. These pins are fed with power from
PFBOUT pin. A small capacitor of 0.1
µF should be connected
close to each pin.
Note: Do not supply power to these pins other than from
PFBOUT.
RESERVED
I/O
8,9,10
RESERVED: These pins must be left unconnected.
Signal Name
Pin #
Description
IOVDD33
1, 26
I/O 3.3V Supply
IOGND
40
I/O Ground
DGND
29
Digital Ground
AVDD33
18
Analog 3.3V Supply
AGND
13, 17
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com