Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-IC5A-R Datasheet(PDF) 1 Page - MH Connectors, All Rights Reserved.

Part # DIP-IC5A-R
Description  DIP-MOULDED SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MH [MH Connectors, All Rights Reserved.]
Direct Link  https://www.mhconnectors.com/
Logo MH - MH Connectors, All Rights Reserved.

DIP-IC5A-R Datasheet(HTML) 1 Page - MH Connectors, All Rights Reserved.

  DIP-IC5A-R Datasheet HTML 1Page - MH Connectors, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
53
DIP-MOULDED SERIES
Battery Clip Insulating Covers – 20A
Features:
• Red or Black colour
• Suitable for 20 Amp
• Material: PVC
Battery Clip Insulating Covers – 5A
IEC Insulating Covers
Features:
• Red or Black colour
• Suitable for 5 Amp
• Material: PVC
Order Code:
A
B
C
D
ØE
ØF
Rx
Material:
Colour:
DIP-IEC4-BK
35
-
27,0
19,0
4,0
4
10,0
UL94 V-0–rated PVC
Black
DIP-IEC5-BK
30
-
27,0
19,0
4,0
4
10,0
UL94 V-0–rated PVC
Black
DIP-IEC6S-BK
22
-
27,0
19,0
6,0
4
10,5
UL94 V-0–rated PVC
Black
DIP-IEC6L-BK
35
8,25
26,5
30,5
6,4
-
10,0
UL94 V-0–rated PVC
Black
DIP-IEC7-BK
38
4,25
30,0
24,0
6,4
16
9,0
UL94 V-0–rated PVC
Black
For protecting a variety of IEC Inlets, Outlets and Filters
Order Code:
Colour:
DIP-IBC20A-R
RED
DIP-IBC20A-BK
BLACK
Order Code:
Colour:
DIP-IC5A-R
RED
DIP-IC5A-BK
BLACK
Fuse Holder Insulating Cover
Features:
• Fuse Holder Insulating Cover
• Black PVC
• Suits 20x5 mm Panel mount Fuse Holders
Order Code:
Colour:
DIP-ISFH-BK
BLACK
Rear Insulating Cover
Features:
• Rear Insulating Cover
• Black PVC
• Suitable for electrical connections of 3, 4 and
6-pole 3A Mini Inlet and Outlet Plugs & Sockets
Order Code:
Colour:
DIP-IMI3A-BK
BLACK
05


Similar Part No. - DIP-IC5A-R

ManufacturerPart #DatasheetDescription
logo
AG Electronica
DIP-10 AGELECTRONICA-DIP-10 Datasheet
649Kb / 3P
DIP SWITCH DE 10 POSICIONES
25/03/2019
DIP-10 AGELECTRONICA-DIP-10 Datasheet
651Kb / 3P
DIP SWITCH DE 10 POSICIONES TIPO PIANO
25/03/2019
DIP-10PIANO AGELECTRONICA-DIP-10PIANO Datasheet
651Kb / 3P
DIP SWITCH DE 10 POSICIONES TIPO PIANO
25/03/2019
DIP-12 AGELECTRONICA-DIP-12 Datasheet
728Kb / 3P
DIP SWITCH DE 12 POSICIONES
25/03/2019
logo
Sensata Technologies, I...
DIP-13-09-001A SENSATA-DIP-13-09-001A Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
More results

Similar Description - DIP-IC5A-R

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
Plastic Moulded Watch Crystals
SXA-86SMX AEL-SXA-86SMX Datasheet
142Kb / 1P
Plastic Moulded Crystal
logo
ETAL Group
P7101 ETAL-P7101 Datasheet
129Kb / 6P
MOULDED WIREWOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
K2142WHI ETC2-K2142WHI Datasheet
104Kb / 1P
MOULDED BOXES 19mm
logo
celduc-relais
PT505000 CELDUC-PT505000 Datasheet
178Kb / 1P
MOULDED CONTROL MAGNET
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
MOULDED CONTROL MAGNET
P4159000 CELDUC-P4159000 Datasheet
172Kb / 1P
MOULDED CONTROL MAGNET
P6250000 CELDUC-P6250000 Datasheet
186Kb / 1P
MOULDED CONTROL MAGNET
logo
Banner Engineering Corp...
AM-R-JIC BANNER-AM-R-JIC Datasheet
76Kb / 1P
ALLIED MOULDED PRODUCTS
logo
Hosiden Corporation
TCP8500 HOSIDEN-TCP8500 Datasheet
82Kb / 1P
Moulded Type Straight Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com