Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLF1206 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLF1206
Description  Power Metal Strip® Current Sense Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLF1206 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLF1206 Datasheet HTML 1Page - Vishay Siliconix WSLF1206 Datasheet HTML 2Page - Vishay Siliconix WSLF1206 Datasheet HTML 3Page - Vishay Siliconix WSLF1206 Datasheet HTML 4Page - Vishay Siliconix WSLF1206 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WSLF1206
www.vishay.com
Vishay Dale
Revision: 17-Oct-2025
2
Document Number: 30430
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Consult factory for detailed TCR performance across full temperature range as performance is resistance value specific
• “Temperature Coefficient of Resistance for Current Sensing” white paper: www.vishay.com/doc?30405
(1) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(2) Element TCR - only applies to the alloy used for the resistor element
(3) Maximum working voltage - the WSL is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
DIMENSIONS
Note
• Surface mount solder profile recommendations: www.vishay.com/doc?31052
Note
(1) The full power rating of Power Metal Strip resistors are dependent upon the ability of the circuit board to dissipate the heat energy created
in the resistance element. It is recommended to follow common design practices for power semiconductors that ensure the junction
temperature is maintained with in thermal limits by using large pad surfaces, thermal vias, heavier copper weights, internal layers as well as
other thermal spreading features. The thermal resistance values provided function in the same manner as junction to terminal temperature
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSLF1206 RESISTOR CHARACTERISTICS
Temperature coefficient (-65 °C to +170 °C)
(complete resistor) (1)
ppm/°C
± 275 for 0.3 m
Ω
± 200 for 0.5 m
Ω
± 100 for 1 m
Ω
± 75 for 2 m
Ω to 3 mΩ
Temperature coefficient (20 °C to 60 °C)
(only element material) (2)
ppm/°C
± 20
Operating temperature range
°C
-55 to +170
Maximum working voltage (3)
V(P x R)1/2
GLOBAL MODEL
RESISTANCE
VALUE (mΩ)
DIMENSIONS
SOLDER PAD DIMENSIONS
LW
T
A
a
b
c
WSLF1206
0.3
0.126 ± 0.008
(3.2 ± 0.2)
0.065 ± 0.008
(1.65 ± 0.2)
0.047 ± 0.006
(1.20 ± 0.15)
0.031 ± 0.008
(0.80 ± 0.2)
0.061
(1.55)
0.051
(1.30)
0.074
(1.88)
0.5
0.035 ± 0.006
(0.90 ± 0.15)
1
0.033 ± 0.006
(0.85 ± 0.15)
2
3
0.031 ± 0.006
(0.80 ± 0.15)
GLOBAL MODEL
RESISTANCE VALUE (mΩ)
THERMAL RESISTANCE (°C/W)
ELEMENT MATERIAL
WSLF1206
0.3
1.7
MnCuSn
0.5
4.9
MnCu
110
MnCu
214
FeCrAl
320
FeCrAl
L
W
c
bab
A
A
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com