Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS50CA05 Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # CS50CA05
Description  50 Amp Twist-Lock® Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

CS50CA05 Datasheet(HTML) 2 Page - Hubbell Incorporated.

  CS50CA05 Datasheet HTML 1Page - Hubbell Incorporated. CS50CA05 Datasheet HTML 2Page - Hubbell Incorporated. CS50CA05 Datasheet HTML 3Page - Hubbell Incorporated. CS50CA05 Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
50 Amp Twist-Lock® Devices
50A Twist-Lock® Devices
Hubbell’s 50 Amp Twist-Lock® Devices feature a heavy-duty
design and super-tough nylon housing built for heavy-duty
applications and impact resistance, even in the harshest
environments. Their rigid construction restricts contact distortion,
minimizing the possibility of mating dissimilar devices. The cord
grip’s offset gripping jaws securely hold the conductors and the
cord jacket for excellent strain relief.
Receptacle
Flanged Inlet
Plug
Connector
50A Twist-Lock® Devices
Description
Cord Diameter
Rating
Catalog Number
Plugs
Nylon housing,
thermoplastic polyester interior
.830"-1.250"
(21.08-31.75)
50A 125V AC
50A 250V AC
50A 480V AC
50A 125/250V AC
50A 3Ø 250V AC
50A 3Ø 480V AC
CS6361C
CS8265C
CS8465C
CS6365C
CS8365C
CS8165C
Connector body
Nylon housing,
thermoplastic polyester interior
.830"-1.250"
(21.08-31.75)
50A 125V AC
50A 250V AC
50A 480V AC
50A 125/250V AC
50A 3Ø 250V AC
50A 3Ø 480V AC
CS6360C
CS8264C
CS8464C
CS6364C
CS8364C
CS8164C
Insulgrip® connector with conduit
adapter; capable of accepting metallic
or non-metallic conduit fittings
½” NPT size
¾” NPT size
1” NPT size
50A 3Ø 250V AC
CS8364CA05
CS8364CA34
CS8364CA10
Flanged inlet
Zinc plated steel casing,
thermoset interior
—
50A 125V AC
50A 250V AC
50A 480V AC
50A 125/250V AC
50A 3Ø 250V AC
50A 3Ø 480V AC
CS6377
CS8275
CS8475†
CS6375
CS8375
CS8175
Receptacle
Black phenolic
—
50A 125V AC
50A 250V AC
50A 480V AC
50A 125/250V AC
50A 3Ø 250V AC
50A 3Ø 480V AC
CS6370
CS8269
CS8469†
CS6369
CS8369
CS8169
†
Not CSA certified.
»Support secure, reliable,
superior terminations with
Hubbell’s box terminals
»Ensure durability with solid,
stainless steel shrouds on plugs
»Achieve high heat resistance
on receptacles and inlets with
thermoset interior components
Ordering Information
Ideal for:
• Construction
• Temporary power
• Welding
• Data centers
Ideal for:
Data Centers
Welding
Temporary Power
Construction
hubbell.com/wiringdevice-kellems/en



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com