Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 3 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1164-6
11646fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum fCLK (Table 3)
VS ≥ ±7.5V
1.5
MHz
VS ≤ ±5V
1.0
MHz
VS = Single 5V, AGND = 2V
1.0
MHz
Clock Feedthrough
Input at GND, f = fCLK, Square Wave
VS = ±7.5V, (fCLK/fC) = 100:1
500
µVRMS
VS = ±5V, (fCLK/fC) = 50:1
200
µVRMS
Wideband Noise
Input at GND, 1Hz
≤ f < fCLK
VS = ±7.5V
115
± 5%
µVRMS
VS = ±2.5V
100
± 5%
µVRMS
Input Impedance
45
75
110
k
Ω
Output DC Voltage Swing
VS = ±2.375V
●
±1.25
±1.50
V
VS = ±5V
●
±3.70
±4.10
V
VS = ±7.5V
●
±5.40
±5.90
V
Output DC Offset
VS = ±5V, (fCLK/fC) = 100:1
±100
±160
mV
Output DC Offset Tempco
VS = ±5V, (fCLK/fC) = 100:1
±100
µV/°C
Power Supply Current
VS = ±2.375V, TA > 25°C
2.5
4.0
mA
●
4.5
mA
VS = ±5V, TA > 25°C
4.5
7.0
mA
●
8.0
mA
VS = ±7.5V, TA > 25°C
7.0
11.0
mA
●
12.5
mA
Power Supply Range
±2.375
±8V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Connecting any pin to voltages greater than V
+ or less than V–
may cause latch-up. It is recommended that no sources operating from
external supplies be applied prior to power-up of the LTC1164-6.
Note 3: All gains are measured relative to passband gain.
Note 4: The cutoff frequency of the filter is abbreviated as fCUTOFF or fC.
Stopband Gain vs Frequency
(Elliptic Response)
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Stopband Gain vs Frequency
(Elliptic Response)
FREQUENCY (kHz)
2
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
18
1164-6 G02
6
10
14
22
4
8
12
16
20
VS = ±5V
fCLK = 250kHz
(fCLK/fC) = 50:1
(PIN 10 AT V+)
TA = 25°C
WITH EXTERNAL
SINGLE POLE LOW-
PASS RC FILTER
(f– 3dB = 10kHz)
FREQUENCY (kHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1164-6 G01
218
6
10
14
22
4
8
12
16
20
VS = ±5V
fCLK = 500kHz
fC = 5kHz
(fCLK/fC) = 100:1
(PIN 10 AT V –)
TA = 25°C
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±7.5V, RL = 10k, TA = 25°C, fCLK = 400kHz, TTL or CMOS level (maximum clock
rise or fall time
≤ 1µs) and all gain measurements are referenced to passband gain, unless otherwise specified. (fCLK/fCUTOFF) = 4kHz
at 100:1 and 8kHz at 50:1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com