Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-6 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices LTC1069-6 Datasheet HTML 10Page - Analog Devices LTC1069-6 Datasheet HTML 11Page - Analog Devices LTC1069-6 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1164-5
8
11645fc
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
5V
≤ V+ ≤16V
1k
VOUT
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
1164-5 F02
+
LTC1164-5
0.1
µF
1
µF
10k
10k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
1k
V–
VOUT
LTC1164-5
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
*
1164-5 F01
* OPTIONAL (SEE TEXT)
0.1
µF
0.1
µF
Power Supply (Pins 4, 12)
The V
+ (Pin4)andtheV–(Pin12)shouldbebypassedwith
a 0.1
µF capacitor to an adequate analog ground. The
filter’s power supplies should be isolated from other
digital or high voltage analog supplies. A low noise linear
supply is recommended. Using a switching power supply
will lower the signal-to-noise ratio of the filter. The supply
during power-up should have a slew rate less than 1V/
µs.
When V
+ is applied before V–, and V– can be more positive
than ground, a signal diode must be used to clamp V
–.
Figures 1 and 2 show typical connections for dual and
single supply operation.
Clock Input (Pin 11)
Any TTL or CMOS clock source with a square-wave output
and 50% duty cycle (
±10%) is an adequate clock source
for the device. The power supply for the clock source
should not be the filter’s power supply. The analog ground
for the filter should be connected to clock’s ground at a
single point only. Table 1 shows the clock’s low and high
level threshold value for a dual or single supply operation.
A pulse generator can be used as a clock source provided
the high level ON time is greater than 0.5
µs.Sinewavesare
not recommended for clock input frequencies less than
100kHz, since excessively slow clock rise or fall times
generate internal clock jitter (maximum clock rise or fall
time
≤1µs). The clock signal should be routed from the
right side of the IC package to avoid coupling into any input
or output analog signal path. A 1k resistor between clock
source and Pin 11 will slow down the rise and fall times of
the clock to further reduce charge coupling, Figures 1
and 2.
Table 1. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply >
±3.4V
≥ V+/3
≤ 0.5V
Dual Supply
≤ ±3.4V
≥ V+/3
≤ V – + 0.5V
Single Supply V
+ > 6.8V, V – = 0V
≥ V+• 0.65
≤ 0.5V + 1/2V+
Single Supply V
+ < 6.8V, V – = 0V
≥ V+/3
≤ 0.5V
Analog Ground (Pins 3, 5)
The filter performance depends on the quality of the
analog signal ground. For either dual or single supply
operation, an analog ground plane surrounding the pack-
age is recommended. The analog ground plane should be
connected to any digital ground at a single point. For dual
supply operation, Pins 3 and 5 should be connected to the
analog ground plane. For single supply operation Pins 3
and 5 should be biased at 1/2 supply and they should be
bypassed to the analog ground plane with at least a 1
µF
capacitor (Figure 2). For single 5V operation at the highest
fCLK of 1MHz, Pins 3 and 5 should be biased at 2V. This
minimizes passband gain and phase variations (see Typi-
cal Performance Characteristics curves: Maximum Pass-
band for Single 5V, 50:1; and THD + Noise vs RMS Input
for Single 5V, 50:1).
PI FU CTIO S
Figure 1. Dual Supply Operation for fCLK/fCUTOFF = 100:1
Figure 2. Single Supply Operation for fCLK/fCUTOFF = 100:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com