Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1164CSW Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1164CSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1164CSW Datasheet(HTML) 2 Page - Analog Devices

  LTC1164CSW Datasheet HTML 1Page - Analog Devices LTC1164CSW Datasheet HTML 2Page - Analog Devices LTC1164CSW Datasheet HTML 3Page - Analog Devices LTC1164CSW Datasheet HTML 4Page - Analog Devices LTC1164CSW Datasheet HTML 5Page - Analog Devices LTC1164CSW Datasheet HTML 6Page - Analog Devices LTC1164CSW Datasheet HTML 7Page - Analog Devices LTC1164CSW Datasheet HTML 8Page - Analog Devices LTC1164CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1164
2
1164fa
ORDER PART
NUMBER
LTC1164ACN
LTC1164CN
LTC221/222 • POI01
TOP VIEW
J PACKAGE
24-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V +
SA
LPA
BPA
HPA
INV A
INV C
HPC/NC
BPC
LPC
SC
V –
CLK
50/100
LPD
BPD
HPD
INV D
N PACKAGE
24-LEAD PDIP
TJMAX = 110°C, θJA = 65°C/W
ORDER PART
NUMBER
LTC1164CSW
LTC1164ACSW
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 75°C/W
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V +
SA
LPA
BPA
HPA
INV A
INV C
HPC/NC
BPC
LPC
SC
V –
CLK
50/100
LPD
BPD
HPD
INV D
LTC1164AMJ
LTC1164MJ
LTC1164ACJ
LTC1164CJ
Total Supply Voltage (V+ to V–) ............................ 16.5V
Power Dissipation .............................................. 500mW
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
±2.37
±8V
Voltage Swings
VS = ±2.5V
±1.6
V
VS = ±5.0V
●
±3.8
±4.2
V
VS = ±7.5V
±6.1
V
Output Short Circuit Current (Source/Sink)
VS = ±5.0V
1
mA
DC Open Loop Gain
VS = ±5.0V
80
dB
GBW Product
VS = ±5.0V
2
MHz
Slew Rate
VS = ±5.0V
1.6
V/µs
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Internal Op Amps) VS = ±5V, RL = 5kΩ unless otherwise noted.
OBSOLETE PACKAGE
Consider the N24 Package as an Alternate Source
Operating Temperature Range
LTC1164AM, LTC1164M (OBSOLETE) ..... –55°C to 125°C
LTC1164AC, LTC1164C ....................... –40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com