Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264CSW Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1264CSW
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1264CSW Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1264CSW Datasheet HTML 8Page - Analog Devices LTC1264CSW Datasheet HTML 9Page - Analog Devices LTC1264CSW Datasheet HTML 10Page - Analog Devices LTC1264CSW Datasheet HTML 11Page - Analog Devices LTC1264CSW Datasheet HTML 12Page - Analog Devices LTC1264CSW Datasheet HTML 13Page - Analog Devices LTC1264CSW Datasheet HTML 14Page - Analog Devices LTC1264CSW Datasheet HTML 15Page - Analog Devices LTC1264CSW Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1264
1264fb
S
APPLICATI
I FOR ATIO
first stage and decreasing the R1 resistor of the last stage
by the same amount (multiplying the R1 resistor of the
first stage and dividing the R1 resistor of the last stage by
2 for narrowband filter, and by 5 for wideband filter is a
good rule of thumb). This adjustment may, however,
increase the filter’s passband noise.
Figure 11. Mode 1b Bandpass Filter
Figures 12 and 13 show the gain response graphs of the
40kHz Butterworth bandpass design described above. The
passband gain response graph (Figure 12) shows a 40kHz
gain of – 0.4dB and a tilted passband from 37kHz to 43kHz.
These errors are due to the 1% resistors used and the side-
to-side matching of the LTC1264 fCLK-to-fCENTER ratio
which typically is 0.4%. To adjust for 0dB gain at 40kHz,
reduce the value of R1 in the first stage by 5%. To adjust
for a flat passband, adjust by
±1% the value of R6 in stages
3 and 4. Adjusting R6 compensates for the side-to-side
matching errors. Please refer to Figure 5 equations defin-
ing fO and Q as a function of R6.
The sequence of 2nd order stages and the bandpass gain
HOBP of each stage will determine the gain peaks at the
filter’s intermediate outputs. A given internal output can
have several dB more gain than the final filter output. Gain
peaks occur around the corners of the passband. The gain
peaks can be reduced by increasing the R1 resistor of the
Figure 12. Passband Gain vs Frequency
40kHz Butterworth Bandpass
FREQUENCY (kHz)
30
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
46
1264 F12
34
38
42
50
32
36
40
44
48
MODE 1b
VS = ±7.5V
fCLK = 1MHz
fCLK/fCENTER = 25:1
Figure 13. Gain vs Frequency
40kHz Butterworth Bandpass
FREQUENCY (kHz)
10
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
74
1264 F13
26
42
58
90
18
34
50
66
82
MODE 1b
VS = ±7.5V
fCLK = 1MHz
fCLK/fCENTER = 25:1
R1
R2
R1
R2
IN
1264 F11
OUT
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
R3
R3
R1
R2
R2
R3
R1
LTC1264
R5
R6
R6
R5
fCLK
R3
R5
R6
R5
R6
STAGE 2
STAGE 4
STAGE 3
STAGE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com