Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2020A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI2DPX2020A
Description  1.8V, 13.5Gbps Linear ReDriver withAUX Listener for Full Functionality in USB Type-C® Connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2020A Datasheet(HTML) 2 Page - Diodes Incorporated

  PI2DPX2020A Datasheet HTML 1Page - Diodes Incorporated PI2DPX2020A Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Announcement
New Product
diodes.com
Typical Application
December 2025
PI2DPX1067
Product Portfolio
Part Number
Operating
Voltage
Channels
Data
Rate
Lanes/
Ports
Max.
Output
Swing
Programming
Interface
Operating
Temperature
Package
V
Gbps
mV
°C
PI2DPX1067
1.8
4
13.5
4
900
I2C
-40 to +85
X2QFN-32
(XUA32)
PI2DPX1066
1.8
4
10
4
900
I2C
-40 to +85
X2QFN-32
(XUA32)
PI2DPX2020A
1.8
4
20
4
1000
I2C
-40 to +85
W-LGA4528-32
Ordering Information
Orderable Part Number
Compliance
(Only automotive
Supports PPAP)
Package
Code
Package
Moisture
Sensitivity
Packing
Quantity
Carrier
PI2DPX1067XUAEX
Standard
XUA32
X2QFN-32
(2.85mm x 4.5mm)
MSL-1
3,500
13” Tape
& Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com