Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49X0210 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6C49X0210
Description  Tiny, Versatile, and Integrated Clock Buffer with Level Translation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C49X0210 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6C49X0210 Datasheet HTML 1Page - Diodes Incorporated PI6C49X0210 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES Advantage
The PI6CL1001 supports high-to-low or low-to-high clock
level translation.
The PI6CL1001 is a low-voltage, low-
noise, non-inverting, single-output
LVCMOS clock buffer with level
translation.
This product supports 1.0V to 1.8V
power supplies, low jitter, and has the
capability to bridge the power supply
disparity between clock-source and
clock-sink devices.
The VDD_IN supply voltage defines the
input clock level, and the VDD_OUT
supply voltage defines the output clock
level. The device is capable of
translating clock levels from low-to-high
or from high-to-low.
It has a fail-safe input that prevents
oscillation at the output in the absence
of an input signal and allows for input
signals before VDD is supplied.
The PI6CL1001 is available in the small-
footprint DFN0808 package.
Tiny, Versatile, and Integrated Clock
Buffer with Level Translation
PI6CL1001
▪ 0.9V Input to 1.8V Output Clock Level Shift, or 1.8V Input
to 1.2V Output Clock Level Shift
Flexible level shift to bridge processor voltage supply gap
▪ DC to 60MHz with 1PPS
High-accuracy clock performance increases system timing
margins, supporting 32.768KHz clock level shift
▪ Small Package
Suitable for space-constrained applications such as
cellphones and IoT devices
▪ Supports 105°C Operation
Enhances system reliability in high-temperature environments
Applications
▪ Notebooks
▪ Servers
▪ Cellphones
▪ IoT devices
December 2025
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
other owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.


Similar Part No. - PI6C49X0210

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49X0210 PERICOM-PI6C49X0210 Datasheet
1Mb / 18P
High Performance 1:10 Multi-Voltage CMOS Buffer
PI6C49X0210-A PERICOM-PI6C49X0210-A Datasheet
1Mb / 18P
High Performance 1:10 Multi-Voltage CMOS Buffer
PI6C49X0210-AZHIE PERICOM-PI6C49X0210-AZHIE Datasheet
1Mb / 18P
High Performance 1:10 Multi-Voltage CMOS Buffer
PI6C49X0210ZHIE PERICOM-PI6C49X0210ZHIE Datasheet
1Mb / 18P
High Performance 1:10 Multi-Voltage CMOS Buffer
More results

Similar Description - PI6C49X0210

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Linear Technology
LTC4301 LINER-LTC4301 Datasheet
220Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
logo
Texas Instruments
SN74LV1T125-Q1 TI-SN74LV1T125-Q1 Datasheet
1Mb / 23P
SN74LV1T125-Q1 Automotive Single Buffer Gate With 3-State Output and Integrated Translation
MAY 2023
SN74LV1T126-Q1 TI-SN74LV1T126-Q1 Datasheet
1Mb / 23P
SN74LV1T126-Q1 Automotive Single Buffer Gate With 3-State Output and Integrated Translation
MAY 2023
SN74LV6T17 TI-SN74LV6T17 Datasheet
946Kb / 22P
SN74LV6T17 Hex Schmitt-Trigger Buffer with Integrated Translation
JUNE 2023
SN74LV6T17 TI1-SN74LV6T17_V01 Datasheet
947Kb / 22P
SN74LV6T17 Hex Schmitt-Trigger Buffer with Integrated Translation
JUNE 2023
SN74LV1T125-Q1 TI1-SN74LV1T125-Q1_V01 Datasheet
1Mb / 29P
SN74LV1T125-Q1 Automotive Single Buffer Gate With 3-State Output and Integrated Translation
REVISED NOVEMBER 2023
SN74LV1T126-Q1 TI1-SN74LV1T126-Q1_V01 Datasheet
1Mb / 29P
SN74LV1T126-Q1 Automotive Single Buffer Gate With 3-State Output and Integrated Translation
REVISED NOVEMBER 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com