Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

578836 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 578836
Description  Filter regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

578836 Datasheet(HTML) 1 Page - Festo Corporation.

  578836 Datasheet HTML 1Page - Festo Corporation. 578836 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filter regulator
MS6-LFR-1/2-D7-C-R-M-RG-AS
Part number: 578836
General operating condition
Data sheet
Feature
Value
Size
6
Series
MS
Actuator lock
Rotary knob with detent
can be closed with accessories
Mounting position
Vertical +/- 5°
Grade of filtration
5 µm
Condensate drain
Manually rotating
Structural design
Filter regulator with pressure gauge
Max. condensate volume
38 ml
Controller function
Outlet pressure constant
With secondary exhausting
Bowl guard
Plastic bowl guard
Degree of condensate separation
>75 %
Symbol
00991589
Pressure gauge
Red-green scale
Operating pressure
0.08 MPa ... 2 MPa
Operating pressure
0.8 bar ... 20 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.025 MPa
Max. pressure hysteresis
0.25 bar
Max. pressure hysteresis
3.625 psi
Normal nominal flow rate (normalized to DIN 1343)
4000 l/min
Operating medium
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [6:4:4]
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Pore size
<5 µm
Product weight
875 g
Type of mounting
With accessories
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
1/27/26 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 578836

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
57883-5000 MOLEX11-57883-5000 Datasheet
23Kb / 1P
1.00/1.27mm I/O Cable Wiring Jig
More results

Similar Description - 578836

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529145 FESTO-529145 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529146 FESTO-529146 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529151 FESTO-529151 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529158 FESTO-529158 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529159 FESTO-529159 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529162 FESTO-529162 Datasheet
89Kb / 2P
Filter regulator
2/10/22
529172 FESTO-529172 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529174 FESTO-529174 Datasheet
88Kb / 2P
Filter regulator
2/10/22
535720 FESTO-535720 Datasheet
87Kb / 2P
Filter regulator
2/10/22
529191 FESTO-529191 Datasheet
87Kb / 2P
Filter regulator
2/15/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com