Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E760NEO Datasheet(PDF) 1 Page - Eclipse Magnetics Ltd

Part # E760NEO
Description  Neodymium NdFeB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPSEMAGNETICS [Eclipse Magnetics Ltd]
Direct Link  https://www.eclipsemagnetics.com/
Logo ECLIPSEMAGNETICS - Eclipse Magnetics Ltd

E760NEO Datasheet(HTML) 1 Page - Eclipse Magnetics Ltd

  E760NEO Datasheet HTML 1Page - Eclipse Magnetics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product
No.
Diameter
Height
Hole size
(csk)
Screw
head size
Weight Pull force Units / pack
mm
kg
826
19
7.5
4.5
M3 csk
0.010
3.0
10
827
28.5
8.5
5.2
M4 csk
0.030
5.0
10
828
38.1
10.35
5.2
M4 csk
0.080
13.0
5
Neodymium NdFeB
■
Neodymium iron boron 'rare earth' material
■
Strongest magnet material available
■
80°C max. operating temp. (unless stated)
■
N35 grade (Nickel plated)
■
For more details see Materials Guide p23
■
Custom designs available
A world leader in magnetic technology
www.eclipsemagnetics.com
A world leader in magnetic technology
Neodymium deep pot bi-pole magnets
Threaded hole
Aluminium pot.
Mild steel pole pieces.
Painted blue.
Neodymium deep pot bi-pole magnets
Brass pot.
Diameter ground to H6 tolerance.
Product
No.
Diameter
Height
Thread size
Weight
Pull force
Units / pack
mm
kg
NH025
12.7
12
M5
0.01
2.5
10
NH065
16
16
M6
0.018
8.0
10
NH130
22.2
20
M6
0.04
16.0
5
NH240
25.4
25
M6
0.07
25.0
5
Product
No.
Diameter
Height
Weight
Pull force
Units / pack
mm
kg
E750NEO
6
20
0.004
1.0
20
E751NEO
8
20
0.007
2.5
20
E752NEO
10
20
0.011
4.5
20
E753NEO
13
20
0.019
7.0
20
E754NEO
16
20
0.029
15.0
10
E755NEO
20
25
0.057
28.0
5
E756NEO
25
35
0.128
45.0
2
E757NEO
32
40
0.228
70.0
2
Neodymium shallow pot magnets
Zinc plated body.
Neodymium shallow pot magnets
Threaded hole
Zinc plated body.
Product
No.
Diameter
Height
Weight
Pull force
Units / pack
mm
kg
E760NEO
6
4.5
0.001
0.5
20
E761NEO
8
4.5
0.0018
1.3
20
E762NEO
10
4.5
0.0025
2.5
20
E763NEO
13
4.5
0.0045
6
20
E764NEO
16
4.5
0.0055
9.5
20
E765NEO
20
6
0.015
14
10
E766NEO
25
7
0.031
20
10
E767NEO
32
7
0.04
35
10
Product
No.
Diameter
Pot height Total height Thread size
Ferrule
outer dia.
Weight
Pull
force
Units / pack
mm
kg
E770NEO
6
4.5
11.5
M3
6
0.0027
0.5
20
E771NEO
8
4.5
11.5
M3
6
0.0035
1.3
20
E772NEO
10
4.5
11.5
M3
6
0.0045
2.5
20
E773NEO
13
4.5
11.5
M3
6
0.0075
6
20
E774NEO
16
4.5
11.5
M4
8
0.0132
9.5
20
E775NEO
20
6
13
M4
8
0.0165
14
10
E776NEO
24
7
14
M4
8
0.034
20
10
E777NEO
32
7
15.5
M5
10
0.048
35
5
Neodymium hook magnets
Mild steel pot. Painted white.
See also Ferrite Hook Magnets on p8 (pull up to 10kg,
more cost effective)
Product
No.
Diameter Pot height
Total height
Weight
Pull force Units / pack
mm
kg
M19863XR
32
7
38
0.051
35
1
6


Similar Part No. - E760NEO

ManufacturerPart #DatasheetDescription
logo
Eclipse Magnetics Ltd
E760NEO ECLIPSEMAGNETICS-E760NEO Datasheet
160Kb / 2P
Neodymium Magnets
More results

Similar Description - E760NEO

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0603SH PIC-PIC-M0603SH Datasheet
20Kb / 1P
NdFeB Standard Magnet
PIC-M0610 PIC-PIC-M0610 Datasheet
20Kb / 1P
NdFeB Standard Magnet
PIC-M1001 PIC-PIC-M1001 Datasheet
20Kb / 1P
NdFeB Flat Magnet
PIC-M048075CNC PIC-PIC-M048075CNC Datasheet
20Kb / 1P
NdFeB Standard Magnet
PIC-M175753 PIC-PIC-M175753 Datasheet
21Kb / 1P
NdFeB Ring Magnet
logo
ams AG
AS5000-MD6H-2 AMSCO-AS5000-MD6H-2 Datasheet
55Kb / 1P
NdFeB sintered magnet
logo
TDK Electronics
NEOREC30EV TDK-NEOREC30EV Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC35UX TDK-NEOREC35UX Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC44DUX TDK-NEOREC44DUX Datasheet
98Kb / 1P
Neodymium Magnets
NEOREC46HF TDK-NEOREC46HF Datasheet
97Kb / 1P
Neodymium Magnets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com