Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032BTM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C032BTM
Description  LVDS Quad CMOS Differential Line Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C032BTM Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS90C032BTM Datasheet HTML 1Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 2Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 3Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 4Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 5Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 6Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 7Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 8Page - National Semiconductor (TI) DS90C032BTM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Pin Descriptions
Pin No. Name
Description
2, 6,
10, 14
R
IN+
Non-inverting receiver input pin
1, 7, 9,
15
R
IN−
Inverting receiver input pin
3, 5,
11, 13
R
OUT
Receiver output pin
4
EN
Active high enable pin, OR-ed with
EN*
12
EN*
Active low enable pin, OR-ed with EN
16
V
CC
Power supply pin, +5V ± 10%
8
GND Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M16A
DS90C032BTM
Typical Performance Characteristics
Output High Voltage vs
Power Supply Voltage
Output High Voltage vs
Ambient Temperature
10099008
10099009
Output Low Voltage vs
Power Supply Voltage
Output Low Voltage vs
Ambient Temperature
10099010
10099011
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com