Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

101 Datasheet(PDF) 11 Page - Arm Limited (or its affiliates).

Part # 101
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

101 Datasheet(HTML) 11 Page - Arm Limited (or its affiliates).

Back Button 101 Datasheet HTML 7Page - Arm Limited (or its affiliates). 101 Datasheet HTML 8Page - Arm Limited (or its affiliates). 101 Datasheet HTML 9Page - Arm Limited (or its affiliates). 101 Datasheet HTML 10Page - Arm Limited (or its affiliates). 101 Datasheet HTML 11Page - Arm Limited (or its affiliates). 101 Datasheet HTML 12Page - Arm Limited (or its affiliates). 101 Datasheet HTML 13Page - Arm Limited (or its affiliates). 101 Datasheet HTML 14Page - Arm Limited (or its affiliates). 101 Datasheet HTML 15Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
User-Based Licensing overview
Seat
An abstract term for counting the number of licenses that are available or purchased. Under
the user-based licensing model, there is exactly one seat for each user, regardless of the
number of devices on which your Arm software product is installed or run.
Service account
The operating system account that coordinates the automated use of the software.
User
A generic term used to identify the entity interacting with the Arm product software; can be
an end-user or service account.
Username
The name identifying an account on an operating system. The username is associated with
the operating system processes running the software product.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
11 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com