Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201 Datasheet(PDF) 10 Page - Arm Limited (or its affiliates).

Part # 201
Description  User-Based Licensing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

201 Datasheet(HTML) 10 Page - Arm Limited (or its affiliates).

Back Button 201 Datasheet HTML 6Page - Arm Limited (or its affiliates). 201 Datasheet HTML 7Page - Arm Limited (or its affiliates). 201 Datasheet HTML 8Page - Arm Limited (or its affiliates). 201 Datasheet HTML 9Page - Arm Limited (or its affiliates). 201 Datasheet HTML 10Page - Arm Limited (or its affiliates). 201 Datasheet HTML 11Page - Arm Limited (or its affiliates). 201 Datasheet HTML 12Page - Arm Limited (or its affiliates). 201 Datasheet HTML 13Page - Arm Limited (or its affiliates). 201 Datasheet HTML 14Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
User-Based Licensing User Guide
Document ID: 102516_1.1_00_en
Version 1.1
User-Based Licensing overview
• A failed test returns a non-404 error, such as, connection timeout, server unreachable, and so
on. If this happens, check to see if a firewall is preventing access to these websites.
Network requirements for license server
Users require access to the user-based licensing license server set up by your local administrator.
2.5 User-Based Licensing terminology
Describes the terms used in Arm® user-based licensing documentation.
The following terms are used in user-based licensing documentation:
Activation
The act of fulfilling an entitlement for a specific user. The output of an activation is a license.
Activation code
Sequence of letters and digits, formatted as a Universally Unique Identifier (UUI), which
represents a seat of a product entitlement for a specific end-user or service account.
Cached license
The locally stored license information. This license is valid for 30 days but is extended when
your Arm product successfully connects to the license server or activation code URL.
Device
Generic term for all computing devices capable of running Arm software products. This can
be a workstation, a virtual machine, a server, or a mobile device such as a phone or a tablet.
End-user
A person interacting with the Arm product software.
Floating
A license that is held centrally and handed out on-demand, checked out, to clients. The
license is checked out for the duration that a license-managed feature is in use, and ends
with the license being checked back in. A floating license is locked to a license server that
serves the license to clients. This model is referred to as a concurrent licensing model,
because it enforces maximum concurrent use. Unless the license is borrowed or cached, the
client must maintain a network connection with the license server for the entire duration that
the license-managed feature is in use.
License
Output of an activation, representing an entitlement for a user. A license is also referred to
as a certificate. A license is typically stored on the local file system of the device used when
activating your Arm software product.
License server
A local server used to activate licenses.
Node-locked
A license that is locked to the device where the license-managed software runs. This model is
referred to as a device-based licensing model.
Copyright © 2022 Arm Limited (or its affiliates). All rights reserved.
Non-Confidential
Page
10 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com