Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC4H065DI Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPSC4H065DI
Description  650 V, 4 A high surge silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC4H065DI Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPSC4H065DI Datasheet HTML 6Page - STMicroelectronics STPSC4H065DI Datasheet HTML 7Page - STMicroelectronics STPSC4H065DI Datasheet HTML 8Page - STMicroelectronics STPSC4H065DI Datasheet HTML 9Page - STMicroelectronics STPSC4H065DI Datasheet HTML 10Page - STMicroelectronics STPSC4H065DI Datasheet HTML 11Page - STMicroelectronics STPSC4H065DI Datasheet HTML 12Page - STMicroelectronics STPSC4H065DI Datasheet HTML 13Page - STMicroelectronics STPSC4H065DI Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision history
Table 9. Document revision history
Date
Version
Changes
31-Aug-2012
1
First issue.
10-Oct-2012
2
Added Max. value to Table 3.
07-Nov-2013
3
Updated Figure 1, Figure 2, Figure 13, Figure 14, and Table 8.
07-Jan-2014
4
Added TO-220AC Ins. package.
15-Jul-2015
5
Updated Table 9.
09-Jan-2020
6
Updated Features.
STPSC4H065
DS9222 - Rev 6
page 13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com