Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP05 Datasheet(PDF) 2 Page - TM Electronics Inc

Part # TP05
Description  Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

TP05 Datasheet(HTML) 2 Page - TM Electronics Inc

  TP05 Datasheet HTML 1Page - TM Electronics Inc TP05 Datasheet HTML 2Page - TM Electronics Inc TP05 Datasheet HTML 3Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RESOLUTION
:
0.1
 to 1000, 1 ABOVE 1000
General
BATTERY
:
PP3 9V I.E.C. 6F22
BATTERY LIFE (INTERMITTENT USE)
:
GREATER THAN 200 HOURS (ALKALINE)
WEIGHT
:
155 gm
DIMENSIONS
:
130 X 70 X 33 mm
Probe
Description
This probe uses the straight handle for fine control. The probe is designed for the measurement
of both surface temperatures and Immersion temperatures.
NOTE: This probe only requires light pressure to give a true reading and is suitable for smooth,
clean surfaces.
If used on an uneven surface, there is a risk that the band will be weakened and
deformed.
Construction
Ribbon band sensor with thermocouple sensor attached and draught shield: Stainless Steel 316
(Food Grade) Sealed with Silicon Rubber compound to ensure the probe is fully waterproof.
1M straight polyurethane cable with moulded connector.
Features
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This results in a solid handle as opposed to a hollow handle. This is particularly important
as there is often damage to the handles caused by excess heat. With a hollow handle it is
possible to puncture the outer plastic and damage the sensor irreparably.
WATERPROOF HANDLE
Due to the total encapsulation method used, all TME probe handles are completely
waterproof.
TOUGH POLYURETHANE CABLE
Polyurethane cables are used in place of the standard PVC for the following reasons
:-
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
POLYPROPYLENE HANDLES
Polypropylene is an extremely tough and durable material, commonly used for milk crates, it
has good low temperature performance and a relatively high melt temperature. It performs
exceptionally well under chemical attack.
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value on clean metal)
: 3 Secs
MEASUREMENT RANGE
: -50 TO 250 °C (higher for
non-continuous measurement)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com