Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

443-025 Datasheet(PDF) 1 Page - Eclipse Magnetics Ltd

Part # 443-025
Description  Parallel pin punch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPSEMAGNETICS [Eclipse Magnetics Ltd]
Direct Link  https://www.eclipsemagnetics.com/
Logo ECLIPSEMAGNETICS - Eclipse Magnetics Ltd

443-025 Datasheet(HTML) 1 Page - Eclipse Magnetics Ltd

  443-025 Datasheet HTML 1Page - Eclipse Magnetics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Size
Size
Price Each
Model
(mm)
(in)
Order code
161AA 100 x 1.6
4 x 1⁄16
137-3745
161A
100 x 2.4
4 x 3⁄32
137-3746
161B
100 x 3.2
4 x 1⁄8
137-3747
161CC 100 x 4.0
4 x 5⁄32
137-3748
161C
100 x 4.8
4 x 3⁄16
137-3749
161DD 100 x 5.5
4 x 7⁄32
137-3750
161D
100 x 6.4
4 x 1⁄4
137-3751
161E
150 x 8.0
6 x 5⁄16
137-3752
161FF
150 x 9.5
6 x 3⁄8
137-3792
161W
Wallet containing
one of each
Wallet containing
one of each
443-025
Parallel pin punch
485995
Punches


Similar Part No. - 443-025

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
443-033 GLENAIR-443-033 Datasheet
290Kb / 2P
Band-in-a-Can Piggyback Boot Adapter
logo
List of Unclassifed Man...
443-037 ETC1-443-037 Datasheet
20Kb / 1P
Round Head Centre Punches, 100mm 4in long.
443-049 ETC1-443-049 Datasheet
20Kb / 1P
Round Head Centre Punches, 100mm 4in long.
More results

Similar Description - 443-025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63444-0802 MOLEX11-63444-0802 Datasheet
33Kb / 1P
Punch
63444-0805 MOLEX11-63444-0805 Datasheet
34Kb / 1P
Punch
63444-1009 MOLEX11-63444-1009 Datasheet
34Kb / 1P
Punch
63444-1421 MOLEX11-63444-1421 Datasheet
33Kb / 1P
Punch
63444-1605 MOLEX11-63444-1605 Datasheet
33Kb / 1P
Punch
63444-1609 MOLEX11-63444-1609 Datasheet
33Kb / 1P
Punch
63444-1836 MOLEX11-63444-1836 Datasheet
34Kb / 1P
Punch
63446-1110 MOLEX11-63446-1110 Datasheet
63Kb / 1P
Punch
63446-1626 MOLEX11-63446-1626 Datasheet
37Kb / 1P
Punch
63446-1902 MOLEX11-63446-1902 Datasheet
41Kb / 1P
Punch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com