Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2DTI Datasheet(PDF) 1 Page - Schneider Electric

Part # QO2DTI
Description  Circuit Breaker Mechanical Interlock QO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO2DTI Datasheet(HTML) 1 Page - Schneider Electric

  QO2DTI Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Oct 1, 2015
1
Product data sheet
Characteristics
QO2DTI
Circuit Breaker Mechanical Interlock QO
Product availability: Stock - Normally stocked in distribution facility
 
Price*: 24.90 USD
Main
Commercial Status
Commercialised
Ordering and shipping details
Category
00108 - QO CB ACCESSORIES
Discount Schedule
DE2E
GTIN
00785901520450
Nbr. of units in pkg.
1
Package weight(Lbs)
0.05
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
MX
Offer Sustainability
Sustainable offer status
Not Green Premium product
RoHS (date code: YYWW)
Will be Compliant on 3Q2014
REACh
Reference not containing SVHC above the threshold
Contractual warranty
Period
18 months


Similar Part No. - QO2DTI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO200 SCHNEIDER-QO200 Datasheet
158Kb / 3P
Mini Switch, QO, 60 A, 2P, 240 V, 10 kA, Plug in
Dec 6, 2019
QO2000 SCHNEIDER-QO2000 Datasheet
144Kb / 3P
Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in
QO2000NRB SCHNEIDER-QO2000NRB Datasheet
108Kb / 2P
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 3R
QO2000NS SCHNEIDER-QO2000NS Datasheet
100Kb / 2P
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 1
QO200TR SCHNEIDER-QO200TR Datasheet
106Kb / 3P
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, A/C
Nov 26, 2019
More results

Similar Description - QO2DTI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LAL26200WB SCHNEIDER-LAL26200WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 200A, 2P, MECH INTERLOCK
Nov 23, 2020
LAL26400WB SCHNEIDER-LAL26400WB Datasheet
100Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 400A, 2P, MECH INTERLOCK
Nov 23, 2020
LAL36200WB SCHNEIDER-LAL36200WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 200A, 3P, MECH INTERLOCK
Nov 23, 2020
LAL36250WB SCHNEIDER-LAL36250WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 250A, 3P, MECH INTERLOCK
Nov 23, 2020
LAL36300WB SCHNEIDER-LAL36300WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 300A, 3P, MECH INTERLOCK
Nov 23, 2020
64274 SCHNEIDER-64274 Datasheet
113Kb / 2P
CIRCUIT BREAKER INTERLOCK OVERRIDE TOOL
Dec 10, 2020
CU150HD SCHNEIDER-CU150HD Datasheet
100Kb / 2P
50 TO 150A COPPER CIRCUIT BREAKER MECHANICAL LUG KIT
Apr 19, 2021
S29369 SCHNEIDER-S29369 Datasheet
89Kb / 2P
Connection accessory, PowerpacT H, J, circuit breaker, interlock for rotary handle
Apr 19, 2021
LA9FJ970 SCHNEIDER-LA9FJ970 Datasheet
102Kb / 1P
TeSys F- mechanical interlock - for 2 horizontal contactors
Aug 17, 2019
XACA009 SCHNEIDER-XACA009 Datasheet
73Kb / 1P
mechanical interlock for 2 operators - XAC-A
Aug 11, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com