Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEL-QO2DTI Datasheet(PDF) 1 Page - Schneider Electric

Part # DEL-QO2DTI
Description  Circuit Breaker Mechanical Interlock QO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DEL-QO2DTI Datasheet(HTML) 1 Page - Schneider Electric

  DEL-QO2DTI Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Oct 1, 2015
1
Product data sheet
Characteristics
QO2DTI
Circuit Breaker Mechanical Interlock QO
Product availability: Stock - Normally stocked in distribution facility
 
Price*: 24.90 USD
Main
Commercial Status
Commercialised
Ordering and shipping details
Category
00108 - QO CB ACCESSORIES
Discount Schedule
DE2E
GTIN
00785901520450
Nbr. of units in pkg.
1
Package weight(Lbs)
0.05
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
MX
Offer Sustainability
Sustainable offer status
Not Green Premium product
RoHS (date code: YYWW)
Will be Compliant on 3Q2014
REACh
Reference not containing SVHC above the threshold
Contractual warranty
Period
18 months


Similar Part No. - DEL-QO2DTI

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
DEL-031-80106 RF-DEL-031-80106 Datasheet
159Kb / 1P
75 OHM BNC PLUG FOR RG-174 CABLE
REV F
logo
Weidmuller
DEL-1607710000 WEIDMULLER-DEL-1607710000 Datasheet
796Kb / 9P
Terminal markers ESO 5 DIN A4 WS
February 22, 2016
logo
ON Semiconductor
DEL-1N5388BG ONSEMI-DEL-1N5388BG Datasheet
71Kb / 8P
5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
logo
WAGO Kontakttechnik Gmb...
DEL-280-422 WAGO-DEL-280-422 Datasheet
83Kb / 4P
Adjacent jumper; insulated; IN = IN terminal block
logo
List of Unclassifed Man...
DEL-30-9984 ETC-DEL-30-9984 Datasheet
2Mb / 1P
TELEPHONE WIRE
More results

Similar Description - DEL-QO2DTI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LAL26200WB SCHNEIDER-LAL26200WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 200A, 2P, MECH INTERLOCK
Nov 23, 2020
LAL26400WB SCHNEIDER-LAL26400WB Datasheet
100Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 400A, 2P, MECH INTERLOCK
Nov 23, 2020
LAL36200WB SCHNEIDER-LAL36200WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 200A, 3P, MECH INTERLOCK
Nov 23, 2020
LAL36250WB SCHNEIDER-LAL36250WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 250A, 3P, MECH INTERLOCK
Nov 23, 2020
LAL36300WB SCHNEIDER-LAL36300WB Datasheet
66Kb / 2P
FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 300A, 3P, MECH INTERLOCK
Nov 23, 2020
64274 SCHNEIDER-64274 Datasheet
113Kb / 2P
CIRCUIT BREAKER INTERLOCK OVERRIDE TOOL
Dec 10, 2020
CU150HD SCHNEIDER-CU150HD Datasheet
100Kb / 2P
50 TO 150A COPPER CIRCUIT BREAKER MECHANICAL LUG KIT
Apr 19, 2021
S29369 SCHNEIDER-S29369 Datasheet
89Kb / 2P
Connection accessory, PowerpacT H, J, circuit breaker, interlock for rotary handle
Apr 19, 2021
LA9FJ970 SCHNEIDER-LA9FJ970 Datasheet
102Kb / 1P
TeSys F- mechanical interlock - for 2 horizontal contactors
Aug 17, 2019
XACA009 SCHNEIDER-XACA009 Datasheet
73Kb / 1P
mechanical interlock for 2 operators - XAC-A
Aug 11, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com