Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6567D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6567D
Description  HIGH VOLTAGE DRIVER FOR CFL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6567D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6567D Datasheet HTML 4Page - STMicroelectronics L6567D Datasheet HTML 5Page - STMicroelectronics L6567D Datasheet HTML 6Page - STMicroelectronics L6567D Datasheet HTML 7Page - STMicroelectronics L6567D Datasheet HTML 8Page - STMicroelectronics L6567D Datasheet HTML 9Page - STMicroelectronics L6567D Datasheet HTML 10Page - STMicroelectronics L6567D Datasheet HTML 11Page - STMicroelectronics L6567D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
L6567
8/15
Capacitive mode protection
During ignition and steady state the operating frequency is higher than the resonance frequency of the load
(L,CL,RLAMP and RFILAMENT), so the transistors are turned on during the conduction time of the body diode in
order to maintain Zero Voltage Switching.
If the operating frequency undershoots the resonance frequency ZVS doesn’t occur and causes hard switching
of the MOS transistors. The L6567 detects this situation by measuring VRS when the low side MOS FET is turned
on. At pin 9 there is an internal comparator with threshold VCM TH (typ~20mV ): if VRS <VCM TH capacitive mode is
assumed and the frequency is increased as long as this situation is present. The shift is determined by CI.
Steady state frequency
At any time during steady state the frequency is determined by the maximum on the following three frequencies:
fSTEADY STATE=MAX {FMIN,fFEED FORWARD,fCAPACITIVE MODEPROTECTION}.
IC supply
At start up the IC is supplied with a current that flows through RHV and an internal diode to the VS pin which-
charges the external capacitor CS. In steady state condition RHV is used as a mains voltage sensor, so it doesn’t
provide anymore the supply current. The easiest way to charge the CS capacitor (and to supply the IC) is to use
a charge pump from the middle point of the half bridge.
To guarantee a minimum gate power MOS drive, the IC stops oscillating when VS is lower than VSHIGH2. It will
restart once the VS will become higher than VSHIGH1. A minimum voltage hysteresis is guaranteed. The IC re-
starts operating at f = FMAX ,then the frequency shifts towards FMIN. The timing of this frequency shifting is TIGN
(that is: CP capacitor is charged and discharged 15 times).Now the oscillator frequency is controlled as in stan-
dard burning condition (feed forward and capacitive mode control). Excess charge on CS is drained by an inter-
nal clamp that turns on at voltage VSCL .
Ground pins
Pin 7(PGND) is the ground reference of the IC with respect to the application. Pin 11( SGND) provides a local
signal ground reference for the components connected to the pins CP,CI,RREF and CF.
Relationship between external components and sistem working condition
L6567 is designed to drive CFL and TL lamps with a minimum part count topology. This feature implies that each
external component is related to one or more circuit operating state.
This table is a short summary of these relationships:
FMIN ---> RREF &CF
FFEED FORWARD ---> CF &IRHV
TPRE &TIGN ---> CP &RREF
FPRE ---> RSHUNT,L,CL, LAMP
TDT ---> RREF
df/dt ---> CI
Some useful formulas can well approximate the values:
If IRHV is greater than:
, the feed forward frequency is settled and the frequency value is fitted by the
followi ng express ion:
F
MI N
1
8R
RE F
C
F
⋅⋅
---------------------------------
≅
I
RHV
15
R
REF
--------------
≥
F
F E ED FO R W AR D
IRHV
121 C
F
⋅
---------------------
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com