Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6569D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6569D
Description  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6569D Datasheet HTML 4Page - STMicroelectronics L6569D Datasheet HTML 5Page - STMicroelectronics L6569D Datasheet HTML 6Page - STMicroelectronics L6569D Datasheet HTML 7Page - STMicroelectronics L6569D Datasheet HTML 8Page - STMicroelectronics L6569D Datasheet HTML 9Page - STMicroelectronics L6569D Datasheet HTML 10Page - STMicroelectronics L6569D Datasheet HTML 11Page - STMicroelectronics L6569D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L6569 L6569A
8/13
Figure 4. Typical Dead Time vs. Temperature
Dependency
Figure 5. Typical Frequency vs Temperature
Dependency
Figure 6. Typical and Theoretical Oscillator
Frequency vs Resistor Value
Figure 7. Vboot pin SOA for different Operating
Frequency @ Tj =125
°C
Figure 8. Vboot pin SOA @ Tj = 125°C
Figure 9. Typical Rise and Fall Times vs. Load
Capacitance
-50
0
50
100
150
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Temperature [C]
Dead time [
µsec]
D96IN378A
-50
-25
0
25
50
75
100
125
55
56
57
58
59
60
61
62
63
64
65
Temperature [C]
Frequency [KHz]
D96IN379A
56
7
8 9 10
15
20
30
40
50
20
30
50
60
70
80
90
100
150
Resistor Value (Kohm)
f (KHz)
Theoretical
C=1nF
C=560pF
C=330pF
D96IN380
20
50
100
200
500
1,000
2,000
5,000 10,000
10
20
30
50
100
200
300
500
Time (ns), from LVG Transition High
VBOOT
(V)
20KHz
50KHz
150KHz
110KHz
70KHz
D96IN381
20
50
100
200
500
1,000
2,000
5,000 10,000
10
20
30
50
100
200
300
500
Time (ns), from LVG Transition High
VBOOT
(V)
ACTUAL OPERTATING
FREQUENCY
VHV+VS
D96IN416
td
tf
VS
VBOOT
For both high and low side buffers @25
°C Tamb
012
3
456
0
50
100
150
200
250
300
C [nF]
time [nsec]
Tr
Tf
D96IN417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com