Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP001663 Datasheet(PDF) 1 Page - Multicomp Pro

Part # PP001663
Description  PG Type Nylon Cable Glands
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PP001663 Datasheet(HTML) 1 Page - Multicomp Pro

  PP001663 Datasheet HTML 1Page - Multicomp Pro PP001663 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
04/12/20
PG Type Nylon Cable Glands
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Material
: PA (Nylon), UL94V-2
Hermetic Seal
: NBR
O-Ring
: EPDM
Working Temperature
: -40°C to 100°C in static state Instantaneous heat
resistance up to 120°C
-20°C to 80°C in dynamic state Instantaneous heat
resistance up to 100°C
Colour
: Grey and Black
IP Rating
: IP68 / IP69K
Lock Nut O-Ring
Body
Seal
Sealing Nut
Dimensions
Part Number
Thread
ØD1
mm
H
mm
GL
mm
mm
PP001652
PG7
3-6.5
21
8
15
PP001653
PG9
4-8
22
8
19
PP001654
PG11
5-10
25
8
22
PP001655
PG13.5
6-12
27
9
24
PP001656
PG16
10-14
28
10
27
PP001657
PG21
13-18
31
11
33
PP001658
PG29
18-25
37
11
42
PP001659
PG7
3-6.5
21
8
15
PP001660
PG9
4-8
22
8
19
PP001661
PG11
5-10
25
8
22
PP001662
PG13.5
6-12
27
9
24
PP001663
PG16
10-14
28
10
27
PP001664
PG21
13-18
31
11
33
PP001665
PG29
18-25
37
11
42


Similar Part No. - PP001663

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PP001666 MULTICOMP-PP001666 Datasheet
215Kb / 1P
PG Type Metal Cable Glands
V1.0 04/12/20
PP001667 MULTICOMP-PP001667 Datasheet
215Kb / 1P
PG Type Metal Cable Glands
V1.0 04/12/20
PP001668 MULTICOMP-PP001668 Datasheet
215Kb / 1P
PG Type Metal Cable Glands
V1.0 04/12/20
PP001669 MULTICOMP-PP001669 Datasheet
215Kb / 1P
PG Type Metal Cable Glands
V1.0 04/12/20
More results

Similar Description - PP001663

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
Amphenol Corporation
AIO-CSM18 AMPHENOL-AIO-CSM18 Datasheet
708Kb / 2P
Complete line of Metal and Nylon Industrial cable glands available
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com