Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1045FD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1045FD
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045FD Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1045FD Datasheet HTML 1Page - STMicroelectronics STPS1045FD Datasheet HTML 2Page - STMicroelectronics STPS1045FD Datasheet HTML 3Page - STMicroelectronics STPS1045FD Datasheet HTML 4Page - STMicroelectronics STPS1045FD Datasheet HTML 5Page - STMicroelectronics STPS1045FD Datasheet HTML 6Page - STMicroelectronics STPS1045FD Datasheet HTML 7Page - STMicroelectronics STPS1045FD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS1045
4/8
Figure 7.
Relative variation of thermal
transient impedance junction to
case versus pulse duration
(TO-220AC)
Figure 8.
Relative variation of thermal
transient impedance junction to
case versus pulse duration
(TO-220FPAC)
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 9.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 11.
Forward voltage drop versus
forward current (maximum values)
0
5
10
15
20
25
30
35
40
45
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
I (µA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =25°C
j
T =50°C
j
T =75°C
j
12
5
10
20
50
100
200
500
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
I
(A)
FM
T =125°C
(typical values)
j
T =25°C
j
T =125°C
j
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com