Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6598D
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6598D Datasheet HTML 3Page - STMicroelectronics L6598D Datasheet HTML 4Page - STMicroelectronics L6598D Datasheet HTML 5Page - STMicroelectronics L6598D Datasheet HTML 6Page - STMicroelectronics L6598D Datasheet HTML 7Page - STMicroelectronics L6598D Datasheet HTML 8Page - STMicroelectronics L6598D Datasheet HTML 9Page - STMicroelectronics L6598D Datasheet HTML 10Page - STMicroelectronics L6598D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
L6598
Figure 4. Soft Start and frequency shifting block
During the soft start time the current ISS charges the capacitor CSS, generating a voltage ramp which is delivered
to a transconductance amplifier, as shown in fig. 4. Thus this voltage signal is converted in a growing current
which is subtracted to Ifstart. Therefore the current which drives the oscillator to set the frequency during the soft
start is equal to:
[1]
where
[2]
At the start-up (t=0) the L6598 oscillates at fstart, set by:
[3]
At the end of soft start (t = TSS) the second term of eq.1 decreases to zero and the switching frequency is set
only by Imin (i.e. Rfmin):
[4]
Since the second term of eq.1 is equal to zero, we have:
[5]
Note that there is not a fixed threshold of the voltage across CSS in which the soft start finishes (i.e. the end of
the frequency shifting), and TSS depends on CSS,Ifstart,gm, and ISS (eq. 5). Making TSS independent of Ifstart,
the ISS current has been designed to be a fraction of Ifstart,so:
[6]
In this way the soft start time depends only on the capacitor CSS. The typical value of the kSS constant (Soft
Css
Ifmin
Ifstart
Iss
gm
OSC
Iosc
I
osc
I
fmin
I
fstart
g
mVCss t
()
()
+
I
fmin
I
fstart
g
mIss
C
ss
--------------
t


+
==
I
fmin
VREF
R
fmin
--------------
I
fsart
,
VREF
R
fstart
----------------
V
REF
,
2V
==
=
Iosc 0
()
Ifmin Ifstart
+
VREF
1
R
fm in
--------------
1
R
fst art
----------------
+


==
I
osc Tss
()
I
fm in
V
REF
Rfmin
--------------
==
I
fst art
g
mIss
C
ss
-------------- T
SS
0T
SS
C
ssIfstart
g
m Iss
------------------------
==
I
SS
I
fstart
K
--------------
T
SS
C
ssIfstart
g
mIfstartK
--------------------------
T
SS
C
ss
g
mK
-----------
T
SS
k
SSCSS
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com