Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POM-5238P-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # POM-5238P-R
Description  Super clarity, distortion-free response Pin type mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

POM-5238P-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  POM-5238P-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3680 Wyse Road
Dayton Ohio 45414-5802
Phone: 937-918-2200
Fax: 937-918-2206
Audio@ProjectsUnlimited.com
POM-5238P-R
Part Number:
Features
Omnidirectional
Super clarity, distortion-free response
Pin type mounting
This part is RoHS 2002/95/EC Compliant
Enviromentally friendly
Electrical Specifications
Directivity
Omnidirectional
Impedance
2.2 kOhm
Operating Voltage
2 Vdc
Package Size
6 x 5.2 mm
Sensitivity
-38 +/- 3 dB
©
2006, Projects Unlimited Inc., All Rights Reserved.
For application notes and detail drawing specifications, please consult www.projectsunlimited.com.
Specifications subject to change without notice.


Similar Part No. - POM-5238P-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
POM-5238P-R PUI-POM-5238P-R Datasheet
219Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results

Similar Description - POM-5238P-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2194 NJRC-NJM2194 Datasheet
149Kb / 10P
SRS Dialog Clarity Processor
logo
COSMO Electronics Corp...
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
Super High Speed Response Photocoupler
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
Super High Speed Response Photocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-381X AVAGO-HSMP-381X Datasheet
149Kb / 9P
Surface Mount RF PIN Low Distortion Attenuator Diodes Lead free
logo
California Eastern Labs
PS2605 CEL-PS2605 Datasheet
131Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
Super-compact size, Slim-package, Surface mounting type
logo
Pulse A Technitrol Comp...
DASCLINSERT PULSE-DASCLINSERT Datasheet
1,018Kb / 8P
DAS Clarity Ceiling Mount Insert
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com