Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7400ESA Datasheet(PDF) 1 Page - Analog Devices

Part # MAX7400ESA
Description  8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7400ESA Datasheet(HTML) 1 Page - Analog Devices

  MAX7400ESA Datasheet HTML 1Page - Analog Devices MAX7400ESA Datasheet HTML 2Page - Analog Devices MAX7400ESA Datasheet HTML 3Page - Analog Devices MAX7400ESA Datasheet HTML 4Page - Analog Devices MAX7400ESA Datasheet HTML 5Page - Analog Devices MAX7400ESA Datasheet HTML 6Page - Analog Devices MAX7400ESA Datasheet HTML 7Page - Analog Devices MAX7400ESA Datasheet HTML 8Page - Analog Devices MAX7400ESA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX7400/MAX7403/MAX7404/MAX7407 8th-order,
lowpass, elliptic, switched-capacitor filters (SCFs) oper-
ate from a single +5V (MAX7400/MAX7403) or +3V
(MAX7404/MAX7407) supply. These devices draw 2mA
of supply current and allow corner frequencies from
1Hz to 10kHz, making them ideal for low-power anti-
aliasing and post-DAC filtering applications. They fea-
ture a shutdown mode that reduces the supply current
to 0.2µA.
Two clocking options are available: self-clocking
(through the use of an external capacitor) or external
clocking for tighter cutoff-frequency control. In addition,
an offset adjustment pin (OS) allows for the adjustment
of the DC output level.
The MAX7400/MAX7404 provide 82dB of stopband
rejection and a sharp rolloff with a transition ratio of 1.5.
The MAX7403/MAX7407 provide a sharper rolloff with a
transition ratio of 1.2, while still delivering 60dB of stop-
band rejection. The fixed response of these devices
simplifies the design task to corner-frequency selection
by setting a clock frequency. The MAX7400/
MAX7403/MAX7404/MAX7407 are available in 8-pin SO
and DIP packages.
Applications
ADC Anti-Aliasing
Speech Processing
Post-DAC Filtering
Air-Bag Electronics
CT2 Base Stations
Features
o 8th-Order Lowpass Elliptic Filter
o Low Noise and Distortion
-82dB THD + Noise (MAX7400)
o Clock-Tunable Corner Frequency (1Hz to 10kHz)
o 100:1 Clock-to-Corner Ratio
o Single-Supply Operation
+5V (MAX7400/MAX7403)
+3V (MAX7404/MAX7407)
o Low Power
2mA (Operating Mode)
0.2µA (Shutdown Mode)
o Available in 8-Pin SO and DIP Packages
o Low Output Offset: ±5mV
8th-Order, Lowpass, Elliptic,
Switched-Capacitor Filters
________________________________________________________________
Maxim Integrated Products
1
VDD
IN
CLK
OUT
GND
INPUT
0.1
µF
0.1
µF
CLOCK
SHDN
OUTPUT
VSUPPLY
COM
OS
MAX7400
MAX7403
MAX7404
MAX7407
OS
OUT
VDD
1
2
8
7
CLK
SHDN
IN
GND
COM
SO/DIP
TOP VIEW
3
4
6
5
MAX7400
MAX7403
MAX7404
MAX7407
Typical Operating Circuit
19-4764; Rev 2; 6/99
Ordering Information continued at end of data sheet.
Pin Configuration
Ordering Information
Selector Guide
MAX7407
Elliptic (r = 1.2)
+3
PART
FILTER RESPONSE
OPERATING
VOLTAGE (V)
MAX7403
MAX7400
Elliptic (r = 1.5)
+5
Elliptic (r = 1.2)
+5
MAX7404
Elliptic (r = 1.5)
+3
PART
MAX7400CSA
MAX7400CPA
MAX7400ESA
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 Plastic DIP
8 SO
MAX7400EPA
-40°C to +85°C
8 Plastic DIP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX7400ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7400ESA MAXIM-MAX7400ESA Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
More results

Similar Description - MAX7400ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com