Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66660 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # 66660
Description  The smallest mains voltage halogen lamp of OSRAM HALOPIN®
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66660 Datasheet(HTML) 1 Page - OSRAM GmbH

  66660 Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Information
The smallest mains voltage halogen lamp of OSRAM
HALOPIN
®
Advantages
• Very compact mains voltage halogen lamp
• Integral safety fuse meets the requirements of IEC 60432
• Approved to IEC 60598 for use in open luminaires
• Meets the most stringent UV-protection thresholds (NIOSH)
• 230V and 240V
Range
Type
reference
Power
Voltage
Base
Luminous
flux
Average
lifetime
Energy
efficiency
Colour
temperature
66725
25W
230V/240V
G9
260lm
2000h
D
2700K
66740
40W
230V/240V
G9
490lm
2000h
D
2700K
66660
60W
230V/240V
G9
820lm
2000h
D
2800K
Type
reference
Length
l max.
Diameter
d max.
Pinch tempe-
rature max.
Pin tempe-
rature max.
LCL a
ILCOS
66725
43mm
14mm
370°C
250°C
22mm
HSGST/C/UB-25-230-G9-22
66740
43mm
14mm
370°C
250°C
22mm
HSGST/C/UB-40-230-G9-22
66660
46mm*
14mm
370°C
250°C
23,5mm
HSGST/C/UB-60-230-G9-23,5
* l max. from April 09 on, IEC60357 allows actually max. 51mm without pins (max. 56,3mm with pins)
Operation
Safety
Do not touch lamp with bare fingers.
Disconnect from power supply before relamping.
Burning position
Any
DC
No
Dimmability
100%
Application
For outdoor applications and operation in damp locations special approved fixtures are required.
Environment
Lamp can be disposed as household waste.
Information
For further information please see: http://www.osram.com
Conformity
2006/95/EG Electrical equipment designed for use within certain voltage limits, 2009/125/EG Ecodesign
Requirements, recast of 2005/32/EC Ecodesign Requirements, 244/2009 COMMISSION REGULATION (EC)
implementing Directive 2005/32/EC, 2002/95/EG Restriction of Hazardous Substances (RoHS), 98/11/EG
Energy labelling of household lamps, EN 50285 Energy efficiency, EN 60432 Safety specifications, EN 60357
Performance specifications
CL MK, Edition January 2010
Subject to alteration


Similar Part No. - 66660

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
6666 SEMTECH-6666 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
6666AN103J1 SEMTECH-6666AN103J1 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
6666AN103J10 SEMTECH-6666AN103J10 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
6666AN103J2 SEMTECH-6666AN103J2 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
6666AN103J3 SEMTECH-6666AN103J3 Datasheet
95Kb / 2P
HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
More results

Similar Description - 66660

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
Product Information Bulletin CAX Mains-Voltage Halogen Lamp
logo
Chicago Miniature Lamp,...
MR-16 CML-MR-16 Datasheet
220Kb / 1P
Low Voltage Halogen Lamp with Reflector
logo
NXP Semiconductors
BGU8007 PHILIPS-BGU8007 Datasheet
331Kb / 2P
The best reception of GNSS signals with the smallest footprint
October 2011
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
STMicroelectronics
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
Rev. 2
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
03-Apr-2006
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
logo
Anderson Power Products...
PP15-45 APP-PP15-45 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com