Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB-68LP Datasheet(PDF) 3 Page - National Instruments Corporation

Part # CB-68LP
Description  Counter/Timer Accessories and Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

CB-68LP Datasheet(HTML) 3 Page - National Instruments Corporation

  CB-68LP Datasheet HTML 1Page - National Instruments Corporation CB-68LP Datasheet HTML 2Page - National Instruments Corporation CB-68LP Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
392 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Cables
RTSI Bus Cables (See Figures 7 and 8)
Use RTSI bus cables to connect timing and synchronization signals among
measurement, vision, motion, and CAN boards for PCI. For systems using long and
short boards, order the extended RTSI cable.
2 boards ..........................................................................................................776249-02
3 boards ..........................................................................................................776249-03
4 boards ..........................................................................................................776249-04
5 boards ..........................................................................................................776249-05
Extended, 5 boards ........................................................................................777562-05
SH68-68-D1 Shielded Cable (See Figure 9)
Shielded 68-conductor cable terminated with two 68-pin female 0.050 series D-type
connectors. This cable connects counter/timer devices to accessories.
1 m ..................................................................................................................183432-01
2 m ..................................................................................................................183432-02
R6868 Ribbon I/O Cable (See Figure 10)
68-conductor flat ribbon cable terminated with two 68-pin connectors. Use this
cable to connect the NI PCI-6601 to an accessory. For signal integrity with high-
frequency signals, use the SH68-68-D1 with the NI 6602 and NI 6608.
1 m ..................................................................................................................182482-01
Custom Connectivity Components
68-Pin Custom Cable Connector/Backshell Kit (See Figure 11)
68-pin female mating custom cable kit for use in making custom 68-conductor
cables. Solder-cup contacts are available for soldering of cable wires to the connector.
68-pin custom cable kit ................................................................................776832-01
PCB Mounting Connectors
Printed circuit board (PCB) connectors for use in building custom accessories that
connect to 68-conductor shielded and ribbon cables. Two connectors are available,
one for right-angle and one for vertical mounting onto a PCB.
68-pin, male, right-angle mounting..............................................................777600-01
68-pin, male, vertical mounting ....................................................................777601-01
Counter/Timer Accessories and Cables
Figure 10. R6868 Ribbon I/O Cable
Figure 9. SH68-68-D1 Shielded Cable
Figure 8. Extended RTSI Bus Cable
Figure 7. RTSI Bus Cable
Figure 11. 68-Pin Custom Cable Kit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com