Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40PRO Datasheet(PDF) 1 Page - Dataman Programmers

Part # 40PRO
Description  The Dataman 40Pro is a PC based universal 40-pin programmer with ISP capabilities and USB 2.0 connectivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATAMAN [Dataman Programmers]
Direct Link  https://uk.dataman.com/
Logo DATAMAN - Dataman Programmers

40PRO Datasheet(HTML) 1 Page - Dataman Programmers

  40PRO Datasheet HTML 1Page - Dataman Programmers 40PRO Datasheet HTML 2Page - Dataman Programmers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Over 32,000 (April
2015) devices
supported with new
devices added monthly
• Intelligent pin drivers
operate down to 1.8V
so you'll be ready to
program the full range
of tomorrows advanced
low-voltage devices
• ISP capable using the
JTAG interface
• Hi-speed USB 2.0
connectivity
• Easy to use software
compatible with
the latest operating
systems including
Windows 8
• Comprehensive 3
years parts and labour
warranty
• Free life-time software
updates
The Dataman 40Pro is a PC based universal 40-pin programmer with
ISP capabilities and USB 2.0 connectivity. The 40Pro is built to meet
the demands of development labs and field engineers for universal and
portable programming.
Dataman 40Pro is a small, fast and powerful programmer designed for
a huge range of programmable devices. Using the built-in in-circuit
serial programming (ISP) connector the programmer is able to program
ISP capable chips in-circuit. 40Pro isn't only a programmer, but also a
static RAMs tester.
Hardware
General
• 40 powerful TTL pindrivers provide H/L/pull_up/pull_down and read capability for each pin of socket.
Advanced pindrivers incorporate high-quality high-speed circuitry to deliver signals without overshoot or
ground bounce for all supported devices. Pin drivers operate down to 1.8V so you'll be ready to program
the full range of today's advanced low-voltage devices
• The programmer performs device insertion tests and contact checks before it programs each device. These
capabilities, supported by signature-byte check help prevent chip damage due to operator error
• 40Pro programmer performs programming verifications at the marginal level of supply voltage, which
improves programming yield, and guarantees long data retention
• Various socket converters are available to handle device in PLCC, SOIC, SSOP, TSOP, TSSOP, TQFP, QFN (MLF)
and other packages
Base Unit (DAC)
• Two D/A converters for VCCP and VPP, controllable rise and fall time
• VCCP range 2V..7V/350mA
• VPP range 2V..25V/200mA
• USB 2.0/1.1 compatible interface
• Auto calibration
• Self test capability
Dataman 40Pro
www.dataman.com


Similar Part No. - 40PRO

ManufacturerPart #DatasheetDescription
logo
Bi technologies
40PR100KLF BITECH-40PR100KLF Datasheet
188Kb / 3P
6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
40PR100LF BITECH-40PR100LF Datasheet
188Kb / 3P
6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
40PR10KLF BITECH-40PR10KLF Datasheet
188Kb / 3P
6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
40PR1KLF BITECH-40PR1KLF Datasheet
188Kb / 3P
6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
40PR1MEGLF BITECH-40PR1MEGLF Datasheet
188Kb / 3P
6 mm Single-Turn Open Frame Carbon Trimming Potentiometer RoHS Compliant
More results

Similar Description - 40PRO

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
Reprogrammable Connectivity Processor with USB and CAN Interfaces
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
Ethernet and USB connectivity
logo
Littelfuse
EL731 LITTELFUSE-EL731 Datasheet
375Kb / 2P
The EL731 is a microprocessor-based
PGR-8800 LITTELFUSE-PGR-8800 Datasheet
480Kb / 2P
The PGR-8800 is a microprocessor-based
SE-701 LITTELFUSE-SE-701 Datasheet
2Mb / 1P
The SE-701 is a microprocessor-based
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
The SIO-RTD is a microprocessor-based
logo
Generalplus Technology ...
GPD2856A GENERALPLUS-GPD2856A Datasheet
663Kb / 14P
The GPD2856A is a chip designed for MP3 players with FM radio and LineIn capabilities.
logo
Laird Tech Smart Techno...
453-00062-K1 LSTD-453-00062-K1 Datasheet
939Kb / 17P
Using the USB-SWD Programmer
v1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com