Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6611DTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6611DTR
Description  DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6611DTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6611DTR Datasheet HTML 20Page - STMicroelectronics L6611DTR Datasheet HTML 21Page - STMicroelectronics L6611DTR Datasheet HTML 22Page - STMicroelectronics L6611DTR Datasheet HTML 23Page - STMicroelectronics L6611DTR Datasheet HTML 24Page - STMicroelectronics L6611DTR Datasheet HTML 25Page - STMicroelectronics L6611DTR Datasheet HTML 26Page - STMicroelectronics L6611DTR Datasheet HTML 27Page - STMicroelectronics L6611DTR Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
L6611
24/28
Figure 22. Detailed Secondary Side
+5Vaux
+5V
+12V
COM
-12V
+3.3V
-12
3V3
DMON
12V
5V
Bout
Binv
M-FAULT
Ainv
Cout
PS-ON
Cinv
VREF
Aout
Vdd
ACsns
DFAULT
PW-OK
GND
L6611
PROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com