Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT9555WI Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT9555WI
Description  16-bit I2C and SMBus I/O Port with Interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9555WI Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT9555WI Datasheet HTML 1Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 2Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 3Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 4Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 5Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 6Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 7Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 8Page - Catalyst Semiconductor CAT9555WI Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT9555
2
Doc. No. MD-9003 , Rev. G
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
2
3
4
5
6
A0
I/O1.7
I/O1.6
I/O1.5
I/O1.4
I/O1.3
18
17
16
15
14
13
I/O0.0
I/O0.1
I/O0.2
I/O0.3
I/O0.4
I/O0.5
PIN DESCRIPTION
PIN CONFIGURATION
SOIC (W) / TSSOP (Y)
TQFN (HV6)
4 x 4 mm
Top View
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
19
17
16
15
14
13
INT
A1
A2
I/O0.0
I/O0.1
I/O0.2
I/O0.3
I/O0.4
I/O0.5
I/O0.6
I/O0.7
VSS
VCC
SDA
SCL
A0
I/O1.7
I/O1.6
I/O1.5
I/O1.4
I/O1.3
I/O1.2
I/O1.1
I/O1.0
P
O
S
S
T
/
C
I
O
SN
F
Q
TE
M
A
N
N
I
PN
O
I
T
C
N
U
F
12
2
T
N
I
)
n
i
a
r
d
n
e
p
o
(
t
u
p
t
u
O
t
p
u
r
r
e
t
n
I
23
21
A1
t
u
p
n
I
s
s
e
r
d
d
A
34
22
A2
t
u
p
n
I
s
s
e
r
d
d
A
1
1
-
48
-
17
.
0
O
/
I
-
0
.
0
O
/
I7
.
0
t
r
o
P
O
/
I
o
t
0
.
0
t
r
o
P
O
/
I
2
19
V
S
S
d
n
u
o
r
G
0
2
-
3
17
1
-
0
17
.
1
O
/
I
-
0
.
1
O
/
I7
.
1
t
r
o
P
O
/
I
o
t
0
.
1
t
r
o
P
O
/
I
1
28
10
A0
t
u
p
n
I
s
s
e
r
d
d
A
2
29
1L
C
Sk
c
o
l
C
l
a
i
r
e
S
3
20
2A
D
Sa
t
a
D
l
a
i
r
e
S
4
21
2V
C
C
y
l
p
p
u
S
r
e
w
o
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com