Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM402 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AM402
Description  CURRENT CONVERTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM402 Datasheet(HTML) 5 Page - Analog Microelectronics

  AM402 Datasheet HTML 1Page - Analog Microelectronics AM402 Datasheet HTML 2Page - Analog Microelectronics AM402 Datasheet HTML 3Page - Analog Microelectronics AM402 Datasheet HTML 4Page - Analog Microelectronics AM402 Datasheet HTML 5Page - Analog Microelectronics AM402 Datasheet HTML 6Page - Analog Microelectronics AM402 Datasheet HTML 7Page - Analog Microelectronics AM402 Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CURRENT CONVERTER IC
AM402
analog microelectronics
April 99
5/8
L
OUT
S
CC
R
I
V
V
⋅
−
=
AM402 is basically made up of three function blocks (see Figure 1):
1. The amplification of the high-precision instrumentation amplifier as the input stage is adjustable and thus
makes applications for a number of input signals and sensors possible. Gain GIA is set via the two exter-
nal resistors R1 and R2. When selecting the resistors, the sum of R1 + R2 given in the Boundary Conditions
must be heeded. When configuring the instrumentation amplifier, the user should ensure that the input
signal has the correct polarity.
2. At the voltage-controlled current output an offset current can be set at the output with the help of the
internal voltage reference across external resistors R3 and R4 (see the Description of Applications, begin-
ning on page 7). Output current IOUT is provided by external transistor T1 which is driven by the output
(IOUT) of the IC. One particular feature of AM402 is that the output current is switched–off if overvolt-
age occurs on the input side of the device. Another safety feature included in AM402 is the integrated
power-down function with excessive temperature. With this, the output current is switched off if the IC
gets too warm.
3. The adjustable reference voltage source supplies sensors or other external components with voltage of 5
or 10V (VSET = N.C. or VSET = GND). Additionally, any voltage value between 4.5 and 10V can be set
via an external voltage divider. Please note, that Capacitor C1 (ceramic) must also be connected even
when the voltage reference is not used.
Initial Operation of AM402
To compensate the offset of the output current for the first time, the input must be short-circuited (VIN = 0).
In doing so, it should be ensured that the input pins of the instrumentation amplifier have the voltage poten-
tials given in the Electrical Specifications (input voltage range). The short circuit at the input produces an
output current IOUT = ISET with
()
4
3
4
0
2
0
R
R
R
R
V
V
I
REF
IN
SET
+
⋅
=
=
The adjustment of the output current range depends on the choice of external resistors R1 and R2. The maxi-
mum output current is defined by the general transfer function of the IC. The following equation is given for
the output current IOUT:
SET
IA
IN
OUT
I
R
G
V
I
+
=
0
The gain factor of the instrumentation amplifier
2
1
1
R
R
GIA
+
=
is determined by the input voltage VIN and
the maximum output current IOUTmax.
The minimum supply voltage is dependent on the value of the reference voltage. The following applies:
V
1
+
≥
REF
CC
V
V
.
The choice of supply voltage VS also de-
pends on the load resistor RL used by the
application. The following inequation de-
termines the minimum supply voltage:
CCmin
L
OUTmax
S
V
R
I
V
+
≥
.
The resulting operating range is given in
Figure 4. Example calculations and typical
values for the external components can be
found in the example application shown in
the Applications from page 7 onwards.
V
S [V]
R
L [Ω]
6
35
V
CCmin
= 6V
R
Lmax
= 500
Ω
I
OUTmax = 20mA
16
R
VV
I
L
SCCmin
OUTmax
≤
−
24
12
500
Operating Area
0
300
0
Figure 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com