Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012-Z Datasheet(PDF) 5 Page - Nidec Motor Corporation.

Part # 2012-Z
Description  8 Series Pushbutton Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIDEC [Nidec Motor Corporation.]
Direct Link  https://acim.nidec.com
Logo NIDEC - Nidec Motor Corporation.

2012-Z Datasheet(HTML) 5 Page - Nidec Motor Corporation.

  2012-Z Datasheet HTML 1Page - Nidec Motor Corporation. 2012-Z Datasheet HTML 2Page - Nidec Motor Corporation. 2012-Z Datasheet HTML 3Page - Nidec Motor Corporation. 2012-Z Datasheet HTML 4Page - Nidec Motor Corporation. 2012-Z Datasheet HTML 5Page - Nidec Motor Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8W-N
■Panel Cut-Out Dimensions
Series
8N
8R
8P
8Y
Panel thickness
1.5 mm Max. 2.5 mm Max.
2 mm Max.
3 mm Max.
4.5 mm Max.
5 mm Max.
6 mm Max.
Dimensions
With Locking Ring Without Locking Ring With Locking Ring Without Locking Ring
With Locking Ring Without Locking Ring
■PC Hole Layouts
Series
8N・8P
8R・8W
Dimensions
1 pole
2 poles
1 pole
2 poles
3 poles
4 poles
■Precautions(8N・8P・8R・8W・8Y)
1. Soldering Specifications
⑴Manual soldering
Device:Solder iron
①420℃ Max. 3 sec. Max.
⑵Auto soldering
②The above-stated soldering conditions shall apply
only to switches with straight terminals. Auto
soldering is not possible with right-angle terminals.
Switches with right-angle terminals should be
soldered manually according to the conditions
specified in (1) above.
⑶When putting the switches through an aging process
after they were soldered onto the printing board or after
installed into a complete end product, be sure to remove
the buttons ofthe switches.,
2. Mounting
●Do not bend the terminals before mounting the
switch on the PC board.
●After mounting the switch, do not place the device
in such a way that the device weight will be applied
on to the actuator of the switch.
●For switches with straight terminals, solder the
switch on the PC board after fixing the switch on
the panel with a nut.
3. Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵
8A/B/C/D/E/F/J/S series are not washable. To wash the
PC board, clean the soldering surface of the PC board
with a brush so that the switch is not exposed to the
cleaning solution.
■Packaging Specification
Perforated Plastic Bag
25 pcs/pack



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com