Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1F003EES Datasheet(PDF) 2 Page - Hammond Power Solutions

Part # C1F003EES
Description  HPS Fortress™ Encapsulated Transformers for Commercial Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HPS [Hammond Power Solutions]
Direct Link  www.hammondpowersolutions.com
Logo HPS - Hammond Power Solutions

C1F003EES Datasheet(HTML) 2 Page - Hammond Power Solutions

  C1F003EES Datasheet HTML 1Page - Hammond Power Solutions C1F003EES Datasheet HTML 2Page - Hammond Power Solutions C1F003EES Datasheet HTML 3Page - Hammond Power Solutions C1F003EES Datasheet HTML 4Page - Hammond Power Solutions C1F003EES Datasheet HTML 5Page - Hammond Power Solutions C1F003EES Datasheet HTML 6Page - Hammond Power Solutions C1F003EES Datasheet HTML 7Page - Hammond Power Solutions C1F003EES Datasheet HTML 8Page - Hammond Power Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HPS Fortress™
Encapsulated Transformers for Commercial Applications
HPS Fortress™ is an innovative design that provides the ideal solution
for commercial applications where quality, ease of installation and
low cost are key.
All units are encapsulated with electrical grade silica sand and resin
compounds, which completely enclose the core and coil to seal
out moisture, airborne contaminants and eliminates corrosion and
deterioration.
APPLICATIONS
Shopping
Centers
Schools
Sports
Complexes
Office Buildings
Lighting
Wastewater
APPROVALS
•
UL Listed, file No. E50394
•
CSA Certified file No. LR3902
STANDARD FEATURES
*Please refer to the HPS standard Catalog Transformer Products Warranty for full details.
Features
Single Phase
Three Phase
Voltage Groups
9 standard voltage groups
8 standard voltage groups
Ratings
From 50VA to 37.5kVA
From 2kVA to 75kVA
Shield
Standard shield from 750VA and up
Standard shield on all units
Frequency
60Hz (50Hz standard on four voltage groups)
60Hz standard on all voltage groups
Connection
Standard via copper leads
Enclosure
Type 3R
Type 3R (Type 4/12 with optional gasket kit
installed)
Conduit Knockouts
For rear and side entry into an easily accessible and roomy wiring compartment.
Installation
Wall mounting up to 25kVA, optional wall
mounting bracket available on 37.5kVA. Wall
mounting template supplied.
Wall mounting up to 9kVA, optional wall mounting
bracket available on 15kVA, 30kVA and 45kVA. Wall
mounting template supplied.
Warranty
All HPS standard catalog encapsulated transformers come with a 10 year limited* warranty
Type 3R enclosure
meets or exceeds listing
criteria including NEMA
and ANSI standards for
indoor and outdoor
applications.
Rear and side entry conduit
knockouts into an easily
accessible and roomy
wiring compartment.
Installation made quick and easy with
keyhole mounting slots and supplied
wall mounting template.
Easily accessible
nameplate. All three
phase units come
standard with two
nameplates. One on
the front and one on
the inside top cover.
Totally enclosed to
seal out moisture
and airborne
contaminants.
All units are
encapsulated with
electrical grade
silica sand and resin
compounds.
*Picture displayed above is of a standard single phase unit.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com