Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SA555
Description  GENERAL PURPOSE SINGLE BIPOLAR TIMERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SA555 Datasheet HTML 2Page - STMicroelectronics SA555 Datasheet HTML 3Page - STMicroelectronics SA555 Datasheet HTML 4Page - STMicroelectronics SA555 Datasheet HTML 5Page - STMicroelectronics SA555 Datasheet HTML 6Page - STMicroelectronics SA555 Datasheet HTML 7Page - STMicroelectronics SA555 Datasheet HTML 8Page - STMicroelectronics SA555 Datasheet HTML 9Page - STMicroelectronics SA555 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
t = 0.5 ms / div
OUTPUT VOLTAGE = 5.0V/div
CAPACITOR VOLTAGE = 1.0V/div
R1 = R2 = 4.8k
Ω, C1= 0.1µF, R = 1kΩ
L
Figure 14
C
(
µF)
10
1.0
0.1
0.01
0.001
0.1
1
10
100
1k
10k
f (Hz)
o
1MΩ
R
1
+
R2
=
10
MΩ
10
0kΩ
10
k
Ω
1kΩ
Figure 15 : Free Running Frequency versus R1,
R2 and C1
Figure 14 shows actual waveforms generatedin this
mode of operation.
The charge time (output HIGH) is given by :
t1 = 0.693 (R1 +R2)C1
and the discharge time (output LOW) by :
t2 = 0.693 (R2)C1
Thus the total period T is given by :
T= t1 +t2 = 0.693 (R1 +2R2)C1
The frequency ofoscillation is them :
f
=
1
T
=
1.44
(R1 + 2R2
) C1
and may be easily found by figure 15.
The duty cycle is given by :
D
=
R2
R1 + 2R2
Output
3
48
7
5
1
R1
C1
2
6
R2
Control
Voltage
NE555
V
CC = 5 to 15V
0.01
µF
Figure 13
PULSE WIDTH MODULATOR
When the timer is connected in the monostable
mode and triggered with a continuous pulse train,
the output pulse width can be modulated by a signal
applied to pin 5. Figure 16 shows the circuit.
Trigger
Output
R
C
NE555
2
4
3
1
5
6
7
Modulation
Input
8
A
VCC
Figure 16 : Pulse Width Modulator.
NE555/SA555/SE555
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com