Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

438 Datasheet(PDF) 2 Page - Artisan Controls Corporation

Part # 438
Description  Delay-On-Make Time Capsule®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTISAN [Artisan Controls Corporation]
Direct Link  http://www.artisancontrols.com/
Logo ARTISAN - Artisan Controls Corporation

438 Datasheet(HTML) 2 Page - Artisan Controls Corporation

  438 Datasheet HTML 1Page - Artisan Controls Corporation 438 Datasheet HTML 2Page - Artisan Controls Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Timers and Controllers
Tel: 973-598-9400 • Fax: 973-598-9410 • Toll Free: 800-457-4950
Artisan Controls Corporation, 111 Canfield Ave., Bldg B15-18, Randolph, NJ, 07869, USA
Notice: Artisan Controls Corporation assumes no responsibility for customers applications or product design, it is the customers responsibility to analyze their
application and test the selected product to determine its suitability for use. The information and data contained herein is the sole and exclusive property of
Artisan Controls Corporation. Any duplication, misuse, or conversion of this information without the express written consent of Artisan Controls Corporation is
illegal and will result in damages including court costs and attorney fees being assessed against the party misusing this property
V I S I T O U R W E B S I T E A T : www.artisancontrols.com
Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Voltage:
Voltage Tolerance:
Timing Mode:
Fixed Timing:
Tolerances On Fixed Timing:
Adjustable Timing Ranges:
Adjustable Timing Setting Accuracy:
Timing Resistor Rating:
Timing vs External Timing Resistor:
Timing Variation:
Repeatability Of Timing Period:
Recycle Time:
Output Rating:
Output Switch Characteristics:
Transient Protection:
Dielectric:
Operating Temperature:
Construction:
Agency Recognitions:
Data Sheet Revision Date:
12V AC/DC, 24V AC/DC, 48V AC/DC, 115V AC/DC, 230V AC/DC.
±20% at specified operating voltage.
Delay-On-Make, external load energizes after preset timing period.
Factory fixed at any timing period from 0.1 seconds to 10,000 seconds.
10%.
Twenty (20) ranges from five (5) models of adjustable delay-on-make timing
from 0.1 seconds to 8,000 seconds.
Minimum time - 15%, +0%. Maximum time - 0%, +15%.
Worst case power dissipation never exceeds 3 milliwatts.
See External Timing Resistance Chart.
Less than 6% of set point over full temperature and voltage range.
±1% at stabilized operating voltage temperature.
Operating voltage must be removed for a minimum of 50mS after timing
period, 200 milliseconds during timing period to assure new cycle repeats to
full time delay period.
10mA to 1A inductive with inrush current to 25A for 8 milliseconds.
4 volt drop across output switch when ON, 3mA leakage when OFF.
Protected by silicon transient suppressors responding to transients within 1
x 10-12 seconds to a peak pulse power dissipation of 1500 watts, with
transient surge currents to 200 amperes for durations up to 1/120 second
at 25°C. Maximum transient voltage protection is 6000 volts as delivered
through a source resistance of 30 ohms with a maximum duration of 8.3ms.
1500V
rms all terminals to case.
-20°C to +85°C
Encapsulated module with .25 quick connect wiring terminals.
UL File #E47858: Component - Appliance Controls, ATNZ2 (US) and ATNZ8
(Can), Component - Auxiliary Devices NKCR2 (US) and NKCR8 (Can)
October 12, 2006
Part Number
Operating Voltage
Fixed Timing In Seconds
Specify the fixed timing
period in seconds from
0.1 to 10,000
Ordering Information Fixed Timing Models . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
- 12
- 24
- 48
- 115
- 230
Operates On Either
AC Or DC
Example: 438 F - 115 - 600
438, operating from 115V AC,
or DC with fixed timing of 600
seconds.
438F -
- 12
- 24
- 48
- 115
- 230
Part Number
Operating Voltage
Timing Range In Seconds
Operates On Either
AC Or DC
-1
(0.1 - 30)
-2
(1 - 300)
-3
(2 - 1000)
-4 (10 - 4500)
-5 (30 - 8000)
Example: 438 A - 24 - 2
438, operating from 24V AC,
with adjustable timing from 1
to 300 seconds.
438A -
Ordering Information Adjustable Timing Models . . . . . .



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com