Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6918 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6918
Description  5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6918 Datasheet(HTML) 3 Page - STMicroelectronics

  L6918 Datasheet HTML 1Page - STMicroelectronics L6918 Datasheet HTML 2Page - STMicroelectronics L6918 Datasheet HTML 3Page - STMicroelectronics L6918 Datasheet HTML 4Page - STMicroelectronics L6918 Datasheet HTML 5Page - STMicroelectronics L6918 Datasheet HTML 6Page - STMicroelectronics L6918 Datasheet HTML 7Page - STMicroelectronics L6918 Datasheet HTML 8Page - STMicroelectronics L6918 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/35
L6918 L6918A
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
Vcc, VCCDR
To PGND
15
V
VBOOT-VPHASE
Boot Voltage
15
V
VUGATE1-VPHASE1
VUGATE2-VPHASE2
15
V
LGATE1, PHASE1, LGATE2, PHASE2 to PGND
-0.3 to Vcc+0.3
V
VID0 to VID4
-0.3 to 5
V
All other pins to PGND
-0.3 to 7
V
VPHASEx
Sustainable Peak Voltage t<20nS @ 600kHz
26
V
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
60
°C / W
Tmax
Maximum junction temperature
150
°C
Tstorage
Storage temperature range
-40 to 150
°C
Tj
Junction Temperature Range
0 to 125
°C
PMAX
Max power dissipation at Tamb=25
°C
2W
L6918A (MASTER) PIN FUNCTION
N.
Name
Description
1
LGATE1
Channel 1 low side gate driver output.
2
VCCDR
LS Mosfet driver supply. 5V or 12V buses can be used.
3
PHASE1
This pin is connected to the Source of the upper mosfet and provides the return path for the
high side driver of channel 1.
4
UGATE1
Channel 1 high side gate driver output.
5
BOOT1
Channel 1 bootstrap capacitor pin. This pin supplies the high side driver. Connect through a
capacitor to the PHASE1 pin and through a diode to Vcc (cathode vs. boot).
6
VCC
Device supply voltage. The operative supply voltage is 12V.
7
GND
All the internal references are referred to this pin. Connect it to the PCB signal ground.
8
COMP
This pin is connected to the error amplifier output and is used to compensate the control
feedback loop.
9
FB
This pin is connected to the error amplifier inverting input and is used to compensate the
voltage control feedback loop.
A current proportional to the sum of the current sensed in both channel is sourced from this pin
(50
µA at full load, 70µA at the Over Current threshold). Connecting a resistor RFB between
this pin and VSEN pin allows programming the droop effect.
10
VPROG_OUT Reference voltage output used for voltage regulation.
This pin must be connected together with the slave device VPROG_IN pin.
Filter to SGND with 1nF capacitor (a total 30nF distributed capacitance is allowed).
11
SYNC_OUT
Synchronization output signal. From this pin exits a square - 50% duty cycle - 5Vpp –90 deg
phase shifted wave clock signal that the Slave device PLL locks to.
Connect this pin to the Slave SYNC_IN pin.
12
SLAVE_OK
Open-drain input/output used for start-up and to manage protections as shown in the timing
diagram. Internally pulled-up. Connect together with other IC’s SLAVE_OK pin. Filter with 1nF
capacitor vs. SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com