Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS40C40CT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FS40C40CT
Description  40.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FS40C40CT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FS40C40CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FS40C40CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS40C20CT thru FS40C120CT
Pb Free Plating Product
FS40C20CT thru FS40C120CT
Pb
40.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
200
Typical Thermal Resistance (Note 3)
1.5
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x20.0A=40.0A)
40.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
400
Maximum Instantaneous Forward Voltage
@20.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
FS40C20CT
FS40C40CT
FS40C60CT
FS40C80CT FS40C100CT FS40C120CT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
FS40C30CT
© Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Edition:20210604-V2
Features
TO-263AB/D2PAK
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※Case:Surface Mount TO-263AB/D2PAK package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 1.8 gram approximately
Positive
Negative
Common Cathode
Common Anode
Doubler
Doubler Polarity
Series
Series Connection
Prefix "FS40A"
Prefix "FS40D"
Prefix "FS40S"
Prefix "FS40C"
Case
Case
Case
Case


Similar Part No. - FS40C40CT

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS40 XPPOWER-FS40 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Alpha Company Ltd.
FS40 ALPHAC-FS40 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M42 ALPHAC-FS40-15M42 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M45 ALPHAC-FS40-15M45 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M47 ALPHAC-FS40-15M47 Datasheet
89Kb / 1P
Active Heat Sink
More results

Similar Description - FS40C40CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURD1020CT THINKISEMI-MURD1020CT Datasheet
795Kb / 2P
10.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB3020CT THINKISEMI-MURB3020CT Datasheet
762Kb / 2P
30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR4020PT THINKISEMI-MUR4020PT_V01 Datasheet
269Kb / 2P
40.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR4020PTG THINKISEMI-MUR4020PTG Datasheet
271Kb / 2P
40.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
MURB3020CT THINKISEMI-MURB3020CT_V01 Datasheet
468Kb / 2P
30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
FS16C20CT THINKISEMI-FS16C20CT Datasheet
301Kb / 2P
16.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
FS20C20CT THINKISEMI-FS20C20CT Datasheet
308Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
FS30C20CT THINKISEMI-FS30C20CT Datasheet
315Kb / 2P
30.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MUR4020CT THINKISEMI-MUR4020CT Datasheet
270Kb / 2P
40.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
MUR4020FCT THINKISEMI-MUR4020FCT Datasheet
362Kb / 2P
40.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com