Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT2010Z1001FST0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PLT2010Z1001FST0
Description  Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLT2010Z1001FST0 Datasheet(HTML) 1 Page - Vishay Siliconix

  PLT2010Z1001FST0 Datasheet HTML 1Page - Vishay Siliconix PLT2010Z1001FST0 Datasheet HTML 2Page - Vishay Siliconix PLT2010Z1001FST0 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLT
www.vishay.com
Vishay Dale Thin Film
Revision: 18-Oct-2019
1
Document Number: 60030
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Low TCR Thin Film Resistor, Surface Mount Chip,
± 5 ppm/°C TCR, 0.01 % Tolerance
Vishay’s proven precision thin film wraparound resistors will
meet your exact requirements. These resistors are ideal for
precision applications requiring low noise, stability, ultra low
temperature coefficient of resistance, and low voltage
coefficient. The chip resistors are available in any resistance
ohmic value in the range specified below.
CONSTRUCTION
FEATURES
• TCR of ± 5 ppm/°C standard
• Tolerances to ± 0.01 %
• Anti corrosion resistant film with (SPM) special
passivation method
• Stable film and performance characteristics
(
R ± 0.04 % at 70 °C, 10 000 h)
• Non-standard resistance values available
• Very low noise and voltage coefficient
(< -30 dB, 0.1 ppm/V)
• UL 94 V-0 flame resistant
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
TYPICAL PERFORMANCE
Actual Size 0603
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Solder
Coating
SPM Passivation
Enhancement
Passivated Nichrome
Resistive Film
ABSOLUTE
TCR
5
TOL.
0.01
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
100
 to 3 M
-
TCR: Absolute
± 5 ppm/°C to ± 10 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.1 % to ± 0.01 %
+25 °C
Stability: Absolute
R ± 0.02 %
2000 h at 70 °C
Stability: Ratio
--
Voltage Coefficient
± 0.1 ppm/V (typical)
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
< -35 dB (typical)
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
COMPONENT RATINGS
CASE SIZE
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
)
0603
150
75
100 to 130K
0805
250
100
100 to 260K
1206
400
200
100 to 775K
2010
800
200
150 to 2M
2512
1000
200
200 to 3M


Similar Part No. - PLT2010Z1001FST0

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PLT20/14/2/S-3C94 FERROXCUBE-PLT20/14/2/S-3C94 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3C95 FERROXCUBE-PLT20/14/2/S-3C95 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3C96 FERROXCUBE-PLT20/14/2/S-3C96 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3F35 FERROXCUBE-PLT20/14/2/S-3F35 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
PLT20/14/2/S-3F4 FERROXCUBE-PLT20/14/2/S-3F4 Datasheet
60Kb / 5P
EQ cores and accessories
2008 Sep 01
More results

Similar Description - PLT2010Z1001FST0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
PLT VISHAY-PLT Datasheet
118Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
109Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
01-Jun-15
PATT VISHAY-PATT_15 Datasheet
92Kb / 3P
Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
22-Apr-15
PLTT VISHAY-PLTT Datasheet
101Kb / 4P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
01-Jun-15
PLTU VISHAY-PLTU Datasheet
130Kb / 3P
Ultra Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 2 ppm/°C TCR, 0.01 % Tolerance
24-Aug-16
MORN VISHAY-MORN Datasheet
98Kb / 4P
Molded, Compact, 0.65 mm Pitch, Dual-In-Line Thin Film Resistor, Surface-Mount Network 0.01 % Ratio Tolerance and 1 ppm/°C TCR Tracking
09-Nov-15
PLTT VISHAY-PLTT_V01 Datasheet
137Kb / 5P
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.02 % Tolerance
16-Mar-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com