Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6-LF-AGF-E-R-M Datasheet(PDF) 1 Page - Festo Corporation.

Part # MS6-LF-AGF-E-R-M
Description  Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MS6-LF-AGF-E-R-M Datasheet(HTML) 1 Page - Festo Corporation.

  MS6-LF-AGF-E-R-M Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Filter
MS6-LF-AGF-E-R-M
Part number: 8232880
General operating condition
Data sheet
Feature
Value
Size
6
Series
MS
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Manually rotating
Structural design
Sinter filter with centrifugal separator
Bowl guard
Plastic bowl guard
Degree of condensate separation
>75 %
Symbol
00991519
Operating pressure
0 MPa ... 2 MPa
Operating pressure
0 bar ... 20 bar
Operating pressure
0 psi ... 290 psi
Normal nominal flow rate (normalized to DIN 1343)
4100 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [-:9:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:8:4]
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Pore size
<40 µm
Product weight
900 g
Type of mounting
With accessories
Pneumatic connection 1
G1
Pneumatic connection 2
G1
Note on materials
RoHS-compliant
Material of sub-base
Die-cast aluminum
Seals material
NBR
Compressed air filter material
PE
Housing material
Die-cast aluminum
Material of bowl
PC
Separating disc material
POM
2/2/26 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - MS6-LF-AGF-E-R-M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MS6-LF-AGF-E-R-V FESTO-MS6-LF-AGF-E-R-V Datasheet
69Kb / 1P
Filter
More results

Similar Description - MS6-LF-AGF-E-R-M

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
FILTER
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
SAW filter 2in1 filter
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
FILTER
750314979 WURTH-750314979 Datasheet
133Kb / 1P
FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
FILTER
750315744 WURTH-750315744 Datasheet
110Kb / 1P
FILTER
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
FILTER
1289F-001 APITECH-1289F-001 Datasheet
37Kb / 1P
FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com