Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232A Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP232A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP232A Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP232A Datasheet HTML 4Page - Sipex Corporation SP232A Datasheet HTML 5Page - Sipex Corporation SP232A Datasheet HTML 6Page - Sipex Corporation SP232A Datasheet HTML 7Page - Sipex Corporation SP232A Datasheet HTML 8Page - Sipex Corporation SP232A Datasheet HTML 9Page - Sipex Corporation SP232A Datasheet HTML 10Page - Sipex Corporation SP232A Datasheet HTML 11Page - Sipex Corporation SP232A Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
10
PACKAGE: 16 PIN WSOIC
FRONT VIEW
L
ø1
Gauge Plane
L2
c
R
R1
ø2
ø
Seating
Plane
h
h
ø1
A
A2
A1
SIDE VIEW
Seating Plane
TOP VIEW
e
E
E/2
E1
b
INDEX AREA
(0.25D X 0.75E1)
E1/2
D
1
2
3
(L1)
MIN
NOM
MAX
MIN
NOM
MAX
A
2.35
-
2.65
0.093
-
0.104
A1
0.10
-
0.30
0.004
-
0.012
A2
2.05
-
2.55
0.081
-
0.100
b
0.31
-
0.51
0.012
-
0.020
c
0.20
-
0.33
0.008
-
0.013
E
E1
e
h
0.25
-
0.75
0.010
-
0.030
L
0.40
-
1.27
0.016
-
0.050
L1
L2
R
0.07
-
-
0.003
-
-
R1
0.07
-
-
0.003
-
-
ø0º
-
8º
0º
-
8º
ø1
5º
-
15º
5º
-
15º
ø2
0º
-
-
0º
-
-
D
10.30 BSC
7.50 BSC
0.406 BSC
0.295 BSC
16 PIN WSOIC
JEDEC MS-013
Variation AA
SYMBOL
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
1.27 BSC
0.050 BSC
1.40 REF
0.055 REF
0.25 BSC
0.010 BSC
SIPEX Pkg Signoff Date/Rev:
JL Oct11-05/ Rev A
10.30 REF
0.405 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com