Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

233A Datasheet(PDF) 2 Page - Sipex Corporation

Part # 233A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

233A Datasheet(HTML) 2 Page - Sipex Corporation

  233A Datasheet HTML 1Page - Sipex Corporation 233A Datasheet HTML 2Page - Sipex Corporation 233A Datasheet HTML 3Page - Sipex Corporation 233A Datasheet HTML 4Page - Sipex Corporation 233A Datasheet HTML 5Page - Sipex Corporation 233A Datasheet HTML 6Page - Sipex Corporation 233A Datasheet HTML 7Page - Sipex Corporation 233A Datasheet HTML 8Page - Sipex Corporation 233A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Date: 10/17/ 05
SP232A Series Enhanced RS232 Transceivers
© Copyright 2005 Sipex Corporation
2
This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
V
cc
.................................................................................................................................................................
+6V
V+ .................................................................................................................... (Vcc-0.3V) to +11.0V
V- ............................................................................................................................................................ -11.0V
Input Voltages
T
IN
.........................................................................................................................
-0.3 to (Vcc +0.3V)
R
IN
............................................................................................................................................................
±30V
V
CC=+5V±10%; 0.1µF charge pump capacitors; TMIN to TMAX unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
TTL INPUT
Logic Threshold
LOW
0.8
Volts
T
IN ; EN, SD
HIGH
2.0
Volts
T
IN ; EN, SD
Logic Pull-Up Current
15
200
µAT
IN = ZeroV
TTL OUTPUT
TTL/CMOS Output
Voltage, Low
0.4
Volts
I
OUT = 3.2mA; Vcc = +5V
Voltage, High
3.5
Volts
I
OUT = -1.0mA
Leakage Current; T
A = +25°
0.05
±10
µA
EN = V
CC, ZeroV
≤V
OUT ≤VCC
SP310A and SP312A only
RS-232 OUTPUT
Output Voltage Swing
±5
±6
Volts
All transmitter outputs loaded
with 3kΩ to Ground
Output Resistance
300
Ohms
V
CC = ZeroV; VOUT = ±2V
Output Short Circuit Current
±18
mA
Infinite duration
Maximum Data Rate
120
240
Kbps
C
L = 2500pF, RL= 3kΩ
RS-232 INPUT
Voltage Range
-30
+30
Volts
Voltage Threshold
LOW
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
HIGH
1.7
2.4
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = 5V, TA = +25°C
Resistance
3
5
7
kΩ
T
A = +25°C, -15V ≤ VIN ≤ +15V
DYNAMIC CHARACTERISTICS
Driver Propagation Delay
1.5
3.0
µs
TTL to RS-232; C
L = 50pF
Receiver Propagation Delay
0.1
1.0
µs
RS-232 to TTL
Instantaneous Slew Rate
30
V/µsC
L = 10pF, RL= 3-7kΩ;
T
A =+25°C
Transition Region Slew Rate
10
V/µsC
L = 2500pF, RL= 3kΩ;
measured from +3V to -3V
or -3V to +3V
Output Enable Time
400
ns
SP310A and SP312A only
Output Disable Time
250
ns
SP310A and SP312A only
POWER REQUIREMENTS
V
CC Power Supply Current
SP232A
35
mA
No load, T
A= +25°C; VCC = 5V
SP233A, SP310A, SP312A
10
15
mA
No load, T
A= +25°C; VCC = 5V
V
CC Supply Current,Loaded
SP232A
15
mA
All transmitters R
L = 3kΩ;
T
A = +25
°C
SP233A, SP310A, SP312A
25
mA
All transmitters R
L = 3kΩ;
T
A = +25°C
Shutdown Supply Current
SP310A,SP312A
1
10
µAV
CC = 5V, TA = +25°C
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Output Voltages
T
OUT
....................................................................................................
(V+, +0.3V) to (V-, -0.3V)
R
OUT
................................................................................................................
-0.3V to (Vcc +0.3V)
Short Circuit Duration
T
OUT
.........................................................................................................................................
Continuous
Plastic DIP .......................................................................... 375mW
(derate 7mW/°C above +70°C)
Small Outline ...................................................................... 375mW
(derate 7mW/°C above +70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com